Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9740ACPRL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9740ACPRL7
Description  10-Bit, 210 MSPS TxDAC D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740ACPRL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9740ACPRL7 Datasheet HTML 3Page - Analog Devices AD9740ACPRL7 Datasheet HTML 4Page - Analog Devices AD9740ACPRL7 Datasheet HTML 5Page - Analog Devices AD9740ACPRL7 Datasheet HTML 6Page - Analog Devices AD9740ACPRL7 Datasheet HTML 7Page - Analog Devices AD9740ACPRL7 Datasheet HTML 8Page - Analog Devices AD9740ACPRL7 Datasheet HTML 9Page - Analog Devices AD9740ACPRL7 Datasheet HTML 10Page - Analog Devices AD9740ACPRL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9740
Rev. B | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With
Respect to
Min
Max
Unit
AVDD
ACOM
−0.3
+3.9
V
DVDD
DCOM
−0.3
+3.9
V
CLKVDD
CLKCOM
−0.3
+3.9
V
ACOM
DCOM
−0.3
+0.3
V
ACOM
CLKCOM
−0.3
+0.3
V
DCOM
CLKCOM
−0.3
+0.3
V
AVDD
DVDD
−3.9
+3.9
V
AVDD
CLKVDD
−3.9
+3.9
V
DVDD
CLKVDD
−3.9
+3.9
V
CLOCK, SLEEP
DCOM
−0.3
DVDD + 0.3
V
Digital Inputs, MODE
DCOM
−0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
−1.0
AVDD + 0.3
V
REFIO, REFLO, FS ADJ
ACOM
−0.3
AVDD + 0.3
V
CLK+, CLK−, MODE
CLKCOM
−0.3
CLKVDD + 0.3
V
Junction
Temperature
150
°C
Storage
Temperature
Range
−65
+150
°C
Lead Temperature
(10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may effect
device reliability.
THERMAL CHARACTERISTICS1
Thermal Resistance
28-Lead 300-Mil SOIC
θJA = 55.9°C/W
28-Lead TSSOP
θJA = 67.7°C/W
32-Lead LFCSP
θJA = 32.5°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air,
in accordance with EIA/JESD51-7.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com