Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2802IDE Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2802IDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE Datasheet(HTML) 2 Page - Linear Technology

  LTC2802IDE Datasheet HTML 1Page - Linear Technology LTC2802IDE Datasheet HTML 2Page - Linear Technology LTC2802IDE Datasheet HTML 3Page - Linear Technology LTC2802IDE Datasheet HTML 4Page - Linear Technology LTC2802IDE Datasheet HTML 5Page - Linear Technology LTC2802IDE Datasheet HTML 6Page - Linear Technology LTC2802IDE Datasheet HTML 7Page - Linear Technology LTC2802IDE Datasheet HTML 8Page - Linear Technology LTC2802IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
abSolute MaxiMuM ratinGS (Note 1)
Input Supplies
VCC...........................................................–0.3V to 7V
VL .........................................................–0.3V to 6.7V
Generated Supplies
VDD .................................................VCC –0.3V to 7.5V
VEE........................................................ 0.3V to –7.5V
VDD – VEE..............................................................14V
SW.................................................. –0.3V to VDD + 0.3V
CAP.................................................. +0.3V to VEE – 0.3V
TIN, T1IN, T2IN, MODE ................................–0.3V to 7V
PS, ON/OFF.....................................–0.3V to (VL + 0.3V)
RIN, R1IN, R2IN ..........................................–25V to 25V
TOUT, T1OUT, T2OUT.................................. –15V to 15V
ROUT, R1OUT, R2OUT ....................–0.3V to (VL + 0.3V)
Operating Temperature
LTC280XC................................................0
°C to 70°C
LTC280XI.............................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
GN Package ......................................................300°C
LTC2801, LTC2802
1-Driver/1-Receiver
LTC2803, LTC2804
2-Driver/2-Receiver
LTC2803-1, LTC2804-1
2-Driver/2-Receiver
12
11
10
9
8
7
13
1
2
3
4
5
6
ROUT
TIN
VL
MODE
PS
CAP
RIN
TOUT
VCC
VDD
SW
GND
TOP VIEW
DE PACKAGE
12-LEAD (4mm 3mm) PLASTIC DFN
VEE
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W (4 Layer)
EXPOSED PAD (PIN 13) IS VEE, MUST BE SOLDERED TO PCB
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
R1OUT
R2OUT
T1IN
T2IN
VL
MODE
PS
CAP
R1IN
R2IN
T1OUT
T2OUT
VCC
VDD
SW
GND
TOP VIEW
DHC PACKAGE
16-LEAD (5mm 3mm) PLASTIC DFN
VEE
TJMAX = 125°C, θJA = 44°C/W, θJC = 4.3°C/W (4 Layer)
EXPOSED PAD (PIN 17) IS VEE, MUST BE SOLDERED TO PCB
GN PACKAGE
16-LEAD (NARROW 0.150) PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
R1OUT
R2OUT
T1IN
T2IN
VL
ON/OFF
CAP
VEE
R1IN
R2IN
T1OUT
T2OUT
VCC
VDD
SW
GND
TJMAX = 125°C, θJA = 110°C/W, θJC = 40°C/W (4 Layer)
Pin conFiGuration
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2801CDE#PBF
LTC2801CDE#TRPBF
2801
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2801IDE#PBF
LTC2801IDE#TRPBF
2801
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2802CDE#PBF
LTC2802CDE#TRPBF
2802
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2802IDE#PBF
LTC2802IDE#TRPBF
2802
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2803CDHC#PBF
LTC2803CDHC#TRPBF
2803
16-Lead (5mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2803IDHC#PBF
LTC2803IDHC#TRPBF
2803
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2804CDHC#PBF
LTC2804CDHC#TRPBF
2804
16-Lead (5mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2804IDHC#PBF
LTC2804IDHC#TRPBF
2804
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2803CGN-1#PBF
LTC2803CGN-1#TRPBF
28031
16-Lead (Narrow 0.150) Plastic SSOP
0°C to 70°C
LTC2803IGN-1#PBF
LTC2803IGN-1#TRPBF
2803I1
16-Lead (Narrow 0.150) Plastic SSOP
–40°C to 85°C
LTC2804CGN-1#PBF
LTC2804CGN-1#TRPBF
28041
16-Lead (Narrow 0.150) Plastic SSOP
0°C to 70°C
LTC2804IGN-1#PBF
LTC2804IGN-1#TRPBF
2804I1
16-Lead (Narrow 0.150) Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
order inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com