Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5375-05ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5375-05ACPZ-R7
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-05ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5375-05ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5375-05ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 25 of 36
The value of this ac voltage swing limiting resistor is chosen
based on the desired ac voltage swing. Figure 60 shows the
relationship between the swing-limiting resistor and the peak-
to-peak ac swing that it produces when 50 Ω bias-setting
resistors are used. The differential peak-to-peak swing at the
modulator input is
[
]
[
]
L
B
L
B
FS
SIGNAL
R
R
R
R
I
V
+
×
×
×
×
=
2
2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
10000
RL (Ω)
Figure 60. Relationship Between the AC Swing-Limiting Resistor and the
Peak-to-Peak Voltage Swing with 50 Ω Bias-Setting Resistors
Filtering
It is necessary to place an antialiasing filter between the DAC
and modulator to filter out Nyquist images, common mode
noise, and broadband DAC noise. The interface for setting up
the biasing and ac swing discussed in the Limiting the AC
Swing section lends itself well to the introduction of such a
filter. The filter can be inserted between the dc bias setting
resistors and the ac swing-limiting resistor. With this configuration,
the dc bias setting resistors and the signal scaling resistors
conveniently set the source and load resistances for the filter.
Figure 61 shows a third-order, Bessel low-pass filter with a 3 dB
frequency of 10 MHz. Matching input and output impedances
make the filter design easier, so the shunt resistor chosen is
100 Ω, producing an ac swing of 1 V p-p differential. The
frequency response of this filter is shown in Figure 62.
67
66
IBBN
IBBP
AD9122
ADL5375-05
59
58
21
22
9
10
IOUT1N
IOUT1P
IOUT2
IOUT2N
QBBP
QBBN
RBIP
50Ω
RBIN
50Ω
RBQN
50Ω
RBQP
50Ω
RSLI
100Ω
RSLQ
100Ω
350.1pF
C2I
350.1pF
C2Q
53.62pF
C1I
53.62pF
C1Q
LPI
771.1nH
LNI
771.1nH
LNQ
771.1nH
LPQ
771.1nH
Figure 61. DAC Modulator Interface with
10 MHz Third-Order, Bessel Filter
1
10
100
–60
–50
–40
–30
–20
–10
0
0
6
12
18
24
30
36
FREQUENCY (MHz)
MAGNITUDE
GROUP DELAY
Figure 62. Frequency Response for DAC Modulator Interface with
10 MHz Third-Order Bessel Filter
Complex IF Operation
The ADL5375 can be used with a DAC, generating a complex-
IF (CIF), as well as a zero-IF signal (ZIF). The −1 dB bandwidth
of the ADL5375 is approximately more than 400 MHz
(Figure 63 and Figure 64 show the baseband frequency response
of the ADL5375, facilitating high CIF and providing sufficient
flat bandwidth for digital predistortion (DPD) algorithms).
Using a CIF places the LO leakage and the undesired sideband
outside the signal band at the modulator output where they can
be easily removed with a bandpass filter.
1
0
–1
–2
–3
–4
–5
–6
1
10
100
1k
BASEBAND FREQUENCY (MHz)
Figure 63. ADL5375-05 Baseband Frequency Response Normalized to
Response for 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com