Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC331-PB Datasheet(PDF) 18 Page - Analog Devices

Part # ADMC331-PB
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331-PB Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMC331-PB Datasheet HTML 14Page - Analog Devices ADMC331-PB Datasheet HTML 15Page - Analog Devices ADMC331-PB Datasheet HTML 16Page - Analog Devices ADMC331-PB Datasheet HTML 17Page - Analog Devices ADMC331-PB Datasheet HTML 18Page - Analog Devices ADMC331-PB Datasheet HTML 19Page - Analog Devices ADMC331-PB Datasheet HTML 20Page - Analog Devices ADMC331-PB Datasheet HTML 21Page - Analog Devices ADMC331-PB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADMC331
–18–
REV. B
included with two separate control bits in the PWMGATE
register.
Typical PWM output signals with high frequency chopping
enabled on both high side and low side signals are shown in
Figure 10. Chopping of the high side PWM outputs (AH, BH
and CH) is enabled by setting Bit 8 of the PWMGATE register.
Chopping of the low side PWM outputs (AL, BL and CL) is
enabled by setting Bit 9 of the PWMGATE register. The high
frequency chopping frequency is controlled by the 8-bit word
(GDCLK) placed in Bits 0 to 7 of the PWMGATE register.
The period of this high frequency carrier is:
TCHOP
=[4 ×(GDCLK +1)]× t
CK
f CHOP
=
f CLKOUT
[4
×(GDCLK +1)]
The GDCLK value may range from 0 to 255, corresponding to
a programmable chopping frequency rate from 25.39 kHz to
6.5 MHz for a 26 MHz CLKOUT rate. The gate drive features
must be programmed before operation of the PWM controller
and typically are not changed during normal operation of the
PWM controller. Following a reset, all bits of the PWMGATE
register are cleared so that high frequency chopping is disabled,
by default.
PWMTM
PWMTM
[4
(GDCLK+1)
tCK]
2
PWMDT
2
PWMDT
PWMCHA
PWMCHA
Figure 10. Typical Active LO PWM Signals with High Fre-
quency Gate Chopping Enabled on Both High Side and
Low Side Switches
PWM Polarity Control, PWMPOL Pin
The polarity of the PWM signals produced at the output pins
AH to CL may be selected in hardware by the PWMPOL pin.
Connecting the PWMPOL pin to GND selects active LO PWM
outputs, such that a LO level is interpreted as a command to
turn on the associated power device. Conversely, connecting
VDD to PWMPOL pin selects active HI PWM and the associ-
ated power devices are turned ON by a HI level at the PWM
outputs. There is an internal pull-up on the PWMPOL pin, so
that if this pin becomes disconnected (or is not connected),
active HI PWM will be produced. The level on the PWMPOL
pin may be read from Bit 2 of the SYSSTAT register, where a
zero indicated a measure LO level at the PWMPOL pin.
PWM Shutdown
In the event of external fault conditions, it is essential that the
PWM system be instantaneously shut down in a safe fashion. A
falling edge on the
PWMTRIP pin provides an instantaneous,
asynchronous (independent of the DSP clock) shutdown of the
PWM controller. All six PWM outputs are placed in the OFF
state (as defined by the PWMPOL pin). In addition, the PWM-
SYNC pulse is disabled and the associated interrupt is stopped.
The
PWMTRIP pin has an internal pull-down resistor so that
if the pin becomes disconnected the PWM will be disabled.
The state of the
PWMTRIP pin can be read from Bit 0 of the
SYSSTAT register.
In addition, it is possible to initiate a PWM shutdown in soft-
ware by writing to the 1-bit read/write PWMSWT register. The
act of writing to this register generates a PWM shutdown com-
mand in a manner identical to the
PWMTRIP pin. It does not
matter which value is written to the PWMSWT register. How-
ever, following a PWM shutdown, it is possible to read the
PWMSWT register to determine if the shutdown was generated
by hardware or software. Reading the PWMSWT register auto-
matically clears its contents.
On the occurrence of a PWM shutdown command (either from
the
PWMTRIP pin or the PWMSWT register), a PWMTRIP
interrupt will be generated. In addition, internal timing of the
three-phase timing unit of the PWM controller is stopped. Fol-
lowing a PWM shutdown, the PWM can only be re-enabled (in
a
PWMTRIP interrupt service routine, for example) by writing
to all of the PWMTM, PWMCHA, PWMCHB and PWMCHC
registers. Provided the external fault has been cleared and the
PWMTRIP has returned to a HI level, internal timing of the
three-phase timing unit resumes and new duty cycle values are
latched on the next PWMSYNC boundary.
PWM Registers
The configuration of the PWM registers is described at the end
of the data sheet.
ADC OVERVIEW
The Analog Input Block of the ADMC331 is a 7-channel single
slope Analog Data Acquisition System with 12-bit resolution.
Data Conversion is performed by timing the crossover between
the Analog Input and Sawtooth Reference Ramp. A simple
voltage comparator detects the crossover and latches the timed
counter value into a channel-specific output register
The ADC system is comprised of seven input channels to the ADC
of which three (V1, V2, V3) have dedicated comparators. The
remaining four channels (VAUX0, VAUX1, VAUX2, VAUX3)
are multiplexed into the fourth comparator and are selected using
the ADCMUX0 and ADCMUX1 bits of the MODECTRL regis-
ter (Table VI). This allows four conversions to be performed by the
ADC between successive PWMSYNC pulses.
Table VI. ADC Auxiliary Channel Selection
MODECTRL (1)
MODECTRL (0)
Select
ADCMUX1
ADCMUX0
VAUX0
0
0
VAUX1
0
1
VAUX2
1
0
VAUX3
1
1
Analog Block
The operation of the ADC block may be explained by reference
to Figures 11 and 12. The reference ramp is tied to one input of
each of the four comparators. This reference ramp is generated
by charging an external timing capacitor with a constant current
source. The timing capacitor is connected between pins CAPIN
and SGND. The capacitor voltage is reset at the start of each
PWMSYNC pulse, which by default is held high for 40 CLKOUT
cycles (TCRST = 1.54
µs for a 26 MHz CLKOUT). On the fall-
ing edge of PWMSYNC, the capacitor begins to charge at a rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com