Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3335ACPZ-5-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3335ACPZ-5-R7
Description  High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335ACPZ-5-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP3335ACPZ-5-R7 Datasheet HTML 1Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 2Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 3Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 4Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADP3335
Rev. D | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADP3335
TOP VIEW
(Not to Scale)
OUT
1
OUT
2
OUT
3
GND
4
IN
IN
SD
NR
8
7
6
5
Figure 3. 8-Lead MSOP
SD
1
2
3
4
7
8
6
5
TOP VIEW
(Not to Scale)
OUT
OUT
GND
IN
IN
NR
ADP3335
OUT
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE
ENHANCES THE THERMAL PERFORMANCE AND IS
ELECTRICALLY CONNECTED TO DIE SUBSTRATE.
THERMAL VIAS MUST BE ISOLATED OR CONNECTED
TO IN. DO NOT CONNECT THE THERMAL PAD TO
GROUND.
Figure 4. 8-Lead LFCSP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 2, 3
OUT
Output of the Regulator. Bypass to ground with a 1.0 µF or larger capacitor. All pins must be connected together
for proper operation.
4
GND
Ground Pin.
5
NR
Noise Reduction Pin. Used for further reduction of output noise (see the Noise Reduction section for further
details).
6
SD
Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shutdown is not used, this
pin should be connected to the input pin.
7, 8
IN
Regulator Input. All pins must be connected together for proper operation.
EP
Exposed
Pad
The exposed pad on the bottom of the LFCSP package enhances thermal performance and is electrically
connected to the die substrate, which is electrically common with the input pins, IN (Pin 7 and Pin 8), inside the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com