Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8512FP Datasheet(PDF) 7 Page - Analog Devices

Part # DAC8512FP
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FP Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC8512FP Datasheet HTML 3Page - Analog Devices DAC8512FP Datasheet HTML 4Page - Analog Devices DAC8512FP Datasheet HTML 5Page - Analog Devices DAC8512FP Datasheet HTML 6Page - Analog Devices DAC8512FP Datasheet HTML 7Page - Analog Devices DAC8512FP Datasheet HTML 8Page - Analog Devices DAC8512FP Datasheet HTML 9Page - Analog Devices DAC8512FP Datasheet HTML 10Page - Analog Devices DAC8512FP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. A
–7–
Typical Performance Characteristics — DAC8512
5
2
0
10
100
100k
10k
1k
1
3
4
LOAD RESISTANCE –
RL TIED TO AGND
D = FFFH
R
L TIED TO AGND
DATA = FFF
H
V
DD = +5V
T
A = +25 C
R
L TIED TO +5V
DATA = 000H
Figure 5. Output Swing vs. Load
TIME = 2ms/DIV
10
90
100
0%
SCALE = 100X
CODE = FFF
H = 409510
BW = 630kHz
T
A = +25 C
2mS
50mV
Figure 8. Broadband Noise
0.01
0.1
10
1.0
5.0
4.8
4.0
4.6
4.4
4.2
0.04
0.4
4.0
OUTPUT LOAD CURRENT – mA
∆VFS ≤ 1 LSB
DATA = FFF
H
T
A = +25 C
PROPER OPERATION
WHEN V
DD SUPPLY
VOLTAGE ABOVE
CURVE
Figure 11. Minimum Supply Voltage
vs. Load
1
10
1000
100
100
1
0.01
0.1
10
OUTPUT SINK CURRENT –
A
V
DD = +5V
DATA = 000
H
T
A = +85 C
T
A = –40 C
T
A = +25 C
Figure 6. Pull-Down Voltage vs. Out-
put Sink Current Capability
4.0
0.0
5
0.8
0
2.4
1.6
3.2
3
24
1
LOGIC VOLTAGE VALUE – Volts
V
DD = +5V
T
A = +25 C
NO LOAD
Figure 9. Supply Current vs. Logic
Input Voltage
2.028
2.018
2.048
2.038
0
5
TIME – 200ns/DIV
2048
10
TO 2047
10
V
DD
= 5V
T
A
= +25 C
Figure 12. Midscale DAC Glitch
Performance
80
–100
–60
–80
1
–20
–40
0
20
40
60
3
2
OUTPUT VOLTAGE – Volts
POS0
CURRENT0
LIMIT0
NEG
CURRENT
LIMIT
DATA = 800H
RL TIED TO +2V
Figure 7. Short Circuit Current
100
0
10
100
100k
10k
1k
60
80
20
40
FREQUENCY – Hz
V
DD = +5V
200mV AC
T
A = +25 C
DATA = FFF
H
Figure 10. Power Supply Rejection
vs. Frequency
10
90
100
0%
TIME = 20
µs/DIV
20
µs
1V
R
L = NO LOAD
C
L = 110pF
T
A = +25 C
Figure 13. Large Signal Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com