Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8512FS Datasheet(PDF) 16 Page - Analog Devices

Part # DAC8512FS
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS Datasheet(HTML) 16 Page - Analog Devices

Back Button DAC8512FS Datasheet HTML 12Page - Analog Devices DAC8512FS Datasheet HTML 13Page - Analog Devices DAC8512FS Datasheet HTML 14Page - Analog Devices DAC8512FS Datasheet HTML 15Page - Analog Devices DAC8512FS Datasheet HTML 16Page - Analog Devices DAC8512FS Datasheet HTML 17Page - Analog Devices DAC8512FS Datasheet HTML 18Page - Analog Devices DAC8512FS Datasheet HTML 19Page - Analog Devices DAC8512FS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DAC8512
–16–
REV. A
A Serial DAC, Audio Volume Control
The DAC8512 is well suited to control digitally the gain or at-
tenuation of a voltage controlled amplifier. In professional audio
mixing consoles, music synthesizers, and other audio processors,
VCAs, such as the SSM2018, adjust audio channel gain and at-
tenuation from front panel potentiometers. The VCA provides a
clean gain transition control of the audio level when the slew
rate of the analog input control voltage, VC, is properly chosen.
The circuit in Figure 40 illustrates a volume control application
using the DAC8512 to control the attenuation of the SSM2018.
6
2
DAC8512
8
+15V
7
CS
CLR
1
0.1
µF
4
REF02
6
2
18k
Ω
10pF
470k
Ω
P1
100k
Ω
10M
Ω
OFFSET
TRIM
47pF
SYMMETRY
TRIM
P2
500k
Ω
V
OUT
+15V
–15V
30k
Ω
+15V
–15V
0.1
µF
0.1
µF
+15V
18k
Ω
V
IN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSM2018
+5V
0.1
µF
C
CON
1
µF
R6
825
Ω
R7
1k
Ω*
0V
≤ V
C ≤ +2.24V
* – PRECISION RESISTOR
PT146
1k
Ω COMPENSATOR
5
LD
3
SCLK
4
SDI
Figure 40. A Serial DAC, Audio Volume Control
Since the supply voltage available in these systems is typically
±15 V or ±18 V, a REF02 is used to supply the +5 V required
to power the DAC. No trimming of the reference is required be-
cause of the reference’s tight initial tolerance and low supply
current consumption of the DAC8512. The SSM2018 is config-
ured as a unity-gain buffer when its control voltage equals 0
volt. This corresponds to a 000H code from the DAC8512.
Since the SSM2018 exhibits a gain constant of –28 mV/dB
(typical), the DAC’s full-scale output voltage has to be scaled
down by R6 and R7 to provide 80 dB of attenuation when the
Table IV. SSM-2018 VCA Attenuation vs.
DAC8512 Input Code
Hexadecimal Number
Control
VCA
in DAC Register
Voltage (V)
Attenuation (dB)
000
0
0
400
+0.56
20
800
+1.12
40
C00
+1.68
60
FFF
+2.24
80
digital code equals FFFH. Therefore, every DAC LSB corre-
sponds to 0.02 dB of attenuation. Table IV illustrates the at-
tenuation vs. digital code of the volume control circuit.
To compensate for the SSM2018’s gain constant temperature
coefficient of –3300 ppm/
°C, a 1 kΩ, temperature-sensitive re-
sistor (R7) manufactured by the Precision Resistor Company
with a temperature coefficient of +3500 ppm/
°C is used. A
CCON of 1
µF provides a control transition time of 1 ms which
yields a click-free change in the audio channel attenuation. Sym-
metry and offset trimming details of the VCA can be found in
the SSM2018 data sheet.
Information regarding the PT146 1 k
Ω “Compensator” can be
obtained by contacting:
Precision Resistor Company, Incorporated
10601 75th Street North
Largo, Fl 34647
(813) 541-5771
An Isolated, Programmable, 4-20 mA Process Controller
In many process control system, applications, two-wire current
transmitters are used to transmit analog signals through noisy
environments. These current transmitters use a “zero-scale” sig-
nal current of 4 mA that can be used to power the transmitter’s
signal conditioning circuitry. The “full-scale” output signal in
these transmitters is 20 mA. The converse approach to process
control can also be used; a low-power, programmable current
source can be used to control remotely located sensors or de-
vices in the loop.
A circuit that performs this function is illustrated in Figure 41.
Using the DAC8512 as the controller, the circuit provides a
programmable output current of 4 mA to 20 mA, proportional
to the DAC’s digital code. Biasing for the controller is provided
by the REF02 and requires no external trim for two reasons:
(1) the REF02’s tight initial output voltage tolerance and (2) the
low supply current consumption of both the OP90 and the
DAC8512. The entire circuit, including opto-couplers, con-
sumes less than 3 mA from the total budget of 4 mA. The OP90
regulates the output current to satisfy the current summation at
the noninverting node of the OP-90. The KCL equation at
Pin 3 is given by:
IOUT =
1
R7
×
1 mV
× Digital Code × R3
R1
+
VREF × R3
R2





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com