Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCRJS42B Datasheet(PDF) 5 Page - Dubilier

Part # DBCRJS42B
Description  NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS42B Datasheet(HTML) 5 Page - Dubilier

  DBCRJS42B Datasheet HTML 1Page - Dubilier DBCRJS42B Datasheet HTML 2Page - Dubilier DBCRJS42B Datasheet HTML 3Page - Dubilier DBCRJS42B Datasheet HTML 4Page - Dubilier DBCRJS42B Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
355
NETWORKING SOCKETS
LOW PROFILE SIDE ENTRY - SMT
ORDERING INFORMATION
Surface Mount
Competitively priced
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Selective gold plating over Nickel Tin plate on solder foils
Housing
UL94V0 Standard
Colour
Black
Contact
0.35mm Phosphor Bronze
Operating Temperature
-55˚C to +265˚C
SPECIFICATION
OUTLINE DRAWING
DBC
RJ
S
64
Dubilier
Connectors
Series
Contact Type
S = Socket
Style
G = Low Profile
Side Entry-SMT
G
No. of Ways x
No. of loaded
contacts
6 x 4
6 x 6
8 x 8
A
1.02
0.10
1.65
6.20
4.00
3.50
1.50
11.43
B
7.88
±0.15
10.00
2.50
±0.15
±0.15
±0.10
11.50
18.10 ±0.30
1.60
12.72
C
5.15
±0.20
0.50
3.50
0.75
1.27
2.80
6.50
No of
Dimensions
Positions
A
B
C
6x4
11.20
14.50
7.00
6x6
12.96
16.30
9.00
8x8
15.00
18.30
11.00
www.dubilier.co.uk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com