Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC272CD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272CD
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272CD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC272CD Datasheet HTML 17Page - Texas Instruments TLC272CD Datasheet HTML 18Page - Texas Instruments TLC272CD Datasheet HTML 19Page - Texas Instruments TLC272CD Datasheet HTML 20Page - Texas Instruments TLC272CD Datasheet HTML 21Page - Texas Instruments TLC272CD Datasheet HTML 22Page - Texas Instruments TLC272CD Datasheet HTML 23Page - Texas Instruments TLC272CD Datasheet HTML 24Page - Texas Instruments TLC272CD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
VDD = 3 V
VDD = 4 V
VDD = 5 V
VID = 100 mV
TA = 25°C
See Note A
4
3
2
1
– 8
– 6
– 4
– 2
5
– 10
IOH – High-Level Output Current – mA
0
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
NOTE A: The 3-V curve only applies to the C version.
Figure 11
TA = 25°C
VID = 100 mV
VDD = 10 V
VDD = 16 V
14
12
10
8
6
4
2
– 30
– 20
– 10
16
– 40
IOH – High-Level Output Current – mA
0
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
– 5
– 15
– 20
– 25
– 35
Figure 12
TA = 25°C
RL = 10 kΩ
VID = 100 mV
0
16
2
4
6
8
10
12
14
14
12
10
8
6
4
2
16
VDD – Supply Voltage – V
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 13
VDD = 10 V
VDD = 5 V
VID = 100 mA
IOH = – 5 mA
– 75
TA – Free-Air Temperature – °C
125
VDD – 1.6
– 50
– 25
0
20
50
75
100
VDD –1.8
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VDD – 1.7
VDD – 1.9
VDD –2.1
VDD – 2
VDD –2.3
VDD – 2.2
VDD –2.4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com