Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705IP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705IP
Description  Micropower Supply Voltage Supervisors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705IP Datasheet(HTML) 2 Page - Texas Instruments

  TLC7705IP Datasheet HTML 1Page - Texas Instruments TLC7705IP Datasheet HTML 2Page - Texas Instruments TLC7705IP Datasheet HTML 3Page - Texas Instruments TLC7705IP Datasheet HTML 4Page - Texas Instruments TLC7705IP Datasheet HTML 5Page - Texas Instruments TLC7705IP Datasheet HTML 6Page - Texas Instruments TLC7705IP Datasheet HTML 7Page - Texas Instruments TLC7705IP Datasheet HTML 8Page - Texas Instruments TLC7705IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
In addition to the power-on-reset and undervoltage-supervisor function, the TLC77xx adds power-down control
support for static RAM. When CONTROL is tied to GND, RESET will act as active high. The voltage monitor
contains additional logic intended for control of static memories with battery backup during power failure. By
driving the chip select (CS) of the memory circuit with the RESET output of the TLC77xx and with the CONTROL
driven by the memory bank select signal (CSH1) of the microprocessor (see Figure 10), the memory circuit is
automatically disabled during a power loss. (In this application the TLC77xx power has to be supplied by the
battery.)
The TLC77xxI is characterized for operation over a temperature range of –40°C to 85°C; the TLC77xxQ is
characterized for operation over a temperature range of –40°C to 125°C; and the TLC77xxM is characterized for
operation over the full Military temperature range of –55°C to 125°C.
The 3x3 mm DRB package is also available as a non-magnetic package for medical imaging application.
AVAILABLE OPTIONS
PACKAGED DEVICES
THRESHOLD
THIN SHRINK
CHIP
CERAMIC
CERAMIC
SMALL OUTLINE
VOLTAGE
TA
PLASTIC DIP
SMALL
CARRIER
DIP
DUAL
SMALL OUTLINE
NO LEAD
(V)
OUTLINE (D)(1)
(P)
(DRB)
(FK)
(JG)
FLATPACK (U)
(PW)(2)
1.1
TCLC7701ID
—
—
—
TCLC7701IP
TCLC7701IPWR
—
2.25
TLC7725ID
—
—
—
TLC7725IP
TLC7725IPWR
—
2.63
TLC7703ID
—
—
—
TLC7703IP
TLC7703IPWR
—
–40°C to
85°C
2.93
TLC7733ID
—
—
—
TLC7733IP
TLC7733IPWR
—
4.55
TLC7705ID
—
—
—
TLC7705IP
TLC7705IPWR
—
1.1
TLC7701IDBR
—
—
—
—
—
TLC7701IDRBT-NM
1.1
TLC7701QD
—
—
—
TLC7701QP
TLC7701QPWR
—
2.25
TLC7725QD
—
—
—
TLC7725QP
TLC7725QPWR
—
–40°C to
2.63
TLC7703QD
—
—
—
TLC7703QP
TLC7703QPWR
—
125°C
2.93
TLC7733QD
—
—
—
TLC7733QP
TLC7733QPWR
—
4.55
TLC7705QD
—
—
—
TLC7705QP
TLC7705QPWR
—
2.93
—
—
—
—
—
—
—
–55°C to
125°C
4.55
—
—
—
—
—
—
—
(1)
The D package is available taped and reeled. Add the suffix R to the device type when ordering (e.g., TLC7705QDR).
(2)
The PW package is only available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TLC7705QPWR).
Table 1. FUNCTION TABLE
CONT
RESIN
VI(SENSE)>VIT+
RESE
RESET
ROL
T
L
L
False
H
L
L
L
True
H
L
L
H
False
H
L
L
H
True
L(1)
H(1)
H
L
False
H
L
H
L
True
H
L
H
H
False
H
L
H
H
True
H
H(1)
(1)
RESET and RESET states shown are valid for t > td.
2
Submit Documentation Feedback
Copyright © 1994–2012, Texas Instruments Incorporated
Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com