Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2731CDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2731CDBVT
Description  Advanced LinCMOS RAIL-TO-RAIL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2731CDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2731CDBVT Datasheet HTML 12Page - Texas Instruments TLV2731CDBVT Datasheet HTML 13Page - Texas Instruments TLV2731CDBVT Datasheet HTML 14Page - Texas Instruments TLV2731CDBVT Datasheet HTML 15Page - Texas Instruments TLV2731CDBVT Datasheet HTML 16Page - Texas Instruments TLV2731CDBVT Datasheet HTML 17Page - Texas Instruments TLV2731CDBVT Datasheet HTML 18Page - Texas Instruments TLV2731CDBVT Datasheet HTML 19Page - Texas Instruments TLV2731CDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
f – Frequency – Hz
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE MARGIN†
vs
FREQUENCY
20
80
60
40
0
– 20
– 40
10 4
10 5
10 6
10 7
180
°
135
°
90
°
45
°
0
°
– 45
°
– 90
°
Gain
VDD = 3 V
RL = 600 Ω
CL= 100 pF
TA = 25°C
Phase Margin
Figure 21
f – Frequency – Hz
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE MARGIN†
vs
FREQUENCY
20
80
60
40
0
– 20
– 40
10 4
10 5
10 6
10 7
180
°
135
°
90
°
45
°
0
°
– 45
°
– 90
°
VDD = 5 V
RL= 600 Ω
CL= 100 pF
TA = 25°C
Phase Margin
Gain
Figure 22
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com