| Electronic Components Datasheet Search |
|
26PCAFP2G Datasheet(PDF) 3 Page - Honeywell Accelerometers |
|
|
|||||||||||||||||||||||||||||
26PCAFP2G Datasheet(HTML) 3 Page - Honeywell Accelerometers |
|
3 / 3 page ![]() Pressure Sensors 26PC Series Gage Unamplified Compensated Flow-Through 24 Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada SENSOR SELECTION GUIDE 26 PC A F* N 5 G Product Circuit Pressure Pressure Type of Port Termination Pressure Family Type Transducer Range Seal Type Style Measurement 2 20PC Family 6 Compen- sated, Calibrated A 1 psi B 5 psi C 15 psi D 30 psi F 100 psi J 38 psi K 38 psi (passivated) E EPDM F Fluoro- silicone N Neoprene S Silicone G Small N Large (.350 dia.) P Large (.315 dia.) 2 4-pin DIP 5 Wire harness 6 4-pin SIP G Gage Example: 26PCBFG5G Compensated, calibrated 5 psi sensor, fluorosilicone seal, small flow-through ports, wire harness, and gage pressure measurements. *Other media seal materials may be available. Note: Not all combinations are established. Contact 800 number before final design. See Accessory Guide, page 27. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |