Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27PC128 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS27PC128
Description  TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC128 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS27PC128 Datasheet HTML 6Page - Texas Instruments TMS27PC128 Datasheet HTML 7Page - Texas Instruments TMS27PC128 Datasheet HTML 8Page - Texas Instruments TMS27PC128 Datasheet HTML 9Page - Texas Instruments TMS27PC128 Datasheet HTML 10Page - Texas Instruments TMS27PC128 Datasheet HTML 11Page - Texas Instruments TMS27PC128 Datasheet HTML 12Page - Texas Instruments TMS27PC128 Datasheet HTML 13Page - Texas Instruments TMS27PC128 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
13
TYPICAL TMS27C/PC128 CHARACTERISTICS
1.50
1.25
1.00
0.75
0.50
STANDBY SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC — Supply Voltage — V
4.25
4.5
4.75
5
5.25
5.5
5.75
1.50
1.25
1.00
0.75
0.50
STANDBY SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA — Free-Air Temperature — °C
–75 –50 –25
0
25
50
75
100 125
VCC = 5 V
TA = 25 °C
1.50
1.25
1.00
0.75
0.50
ACTIVE SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC — Supply Voltage — V
4.25
4.5
4.75
5
5.25
5.5
5.75
TA = 25 °C
f = Max
1.50
1.25
1.00
0.75
0.50
ACTIVE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA — Free-Air Temperature — °C
–75 –50 –25
0
25
50
75
100 125
VCC = 5 V
1.50
1.25
1.00
0.75
0.50
ACCESS TIME
vs
SUPPLY VOLTAGE
VCC — Supply Voltage — V
4.25
4.5
4.75
5
5.25
5.5
5.75
TA = 25 °C
1.50
1.25
1.00
0.75
0.50
ACCESS TIME
vs
FREE-AIR TEMPERATURE
TA — Free-Air Temperature — °C
–75 –50 –25
0
25
50
75
100 125
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com