Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467CCUTAV Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467CCUTAV
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467CCUTAV Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320DM6467CCUTAV Datasheet HTML 28Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 29Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 30Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 31Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 32Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 33Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 34Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 35Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 355 page
background image
TMS320DM6467
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
www.ti.com
3.7.2
Oscillator/PLL
Table 3-6. Oscillator/PLL Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
OSCILLATOR, PLL
DEV_MXI/
Crystal input DEV_MXI for DEV oscillator (system oscillator, typically 27 MHz). If the
B15
I
DEV_DVDD18
DEV_CLKIN
internal oscillator is bypassed, this pin is the 1.8-V external oscillator clock input.
Crystal output for DEV oscillator. If the internal oscillator is bypassed, DEV_MXO
DEV_MXO
A15
O
DEV_DVDD18
should be left as a No Connect.
1.8-V power supply for DEV oscillator. If the internal oscillator is bypassed,
DEV_DVDD18
D15
S
(3)
DEV_DVDD18 should still be connected to the 1.8-V power supply.
I/O ground for DEV oscillator. If the internal oscillator is bypassed, DEV_DVSS
DEV_DVSS
E14
GND
(3)
should be connected to ground VSS.
1.2-/1.05-V power supply for DEV oscillator. If the internal oscillator is bypassed,
DEV_CVDD
E15
S
(3)
DEV_CVDD should be connected to the 1.2-/1.05-V power supply (CVDD).
Ground for DEV oscillator. Connect to crystal load capacitors. Do not connect to
DEV_VSS
C15
GND
(3)
board ground (VSS). If the internal oscillator is bypassed, DEV_VSS should still be
connected to ground VSS.
Crystal input for Auxiliary (AUX) oscillator (24/48 MHz for USB, and UART2/1/0 and
AUX_MXI/
McASP1/0). If the internal oscillator is bypassed, this pin is the 1.8-V external
B17
I
AUX_DVDD18
AUX_CLKIN
oscillator clock input. When the peripheral is not used, AUX_MXI should be left as a
No Connect.
Crystal output for AUX oscillator. If the internal oscillator is bypassed, AUX_MXO
AUX_MXO
A17
O
AUX_DVDD18
should be left as a No Connect. When the peripheral is not used, AUX_MXO should
be left as a No Connect.
1.8-V power supply for AUX oscillator. If the internal oscillator is bypassed,
AUX_DVDD18 should still be connected to the 1.8-V power supply. When the
AUX_DVDD18
D16
S
(3)
peripheral is not used, AUX_DVDD18 should be connected to the 1.8-V power
supply.
I/O ground for AUX oscillator. If the internal oscillator is bypassed, AUX_DVSS
AUX_DVSS
C16
GND
(3)
should be connected to ground (VSS). When the peripheral is not used, AUX_DVSS
should be connected to ground (VSS).
1.2-/1.05-V power supply for AUX oscillator. If the internal oscillator is bypassed,
AUX_CVDD should be connected to the 1.2-/1.05-V power supply (CVDD). When the
AUX_CVDD
E16
S
(3)
peripheral is not used, AUX_CVDD should be connected to the 1.2-/1.05-V power
supply (CVDD).
Ground for AUX oscillator. Connect to crystal load capacitors. Do not connect to
board ground (VSS). If the internal oscillator is bypassed, AUX_VSS should still be
AUX_VSS
C17
GND
(3)
connected to ground (VSS). When the peripheral is not used, AUX_VSS should be
connected to ground (VSS).
PLL1VDD18
B14
S
(3)
1.8-V power supply for PLLs.
PLL2VDD18
B16
PLL1VSS
C14
GND
(3)
Ground for PLLs.
PLL2VSS
A16
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
(3)
For more information, see the Recommended Operating Conditions table
32
Device Overview
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com