Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP4
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C6745DPTP4 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 9Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 10Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 11Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 5-84, LCD Raster Mode Timing:
•
Updated/Changed PARAMETER NO. 9, td(LCD_VSYNC_I) description from "Delay time, LCD_PCLK low to
LCD_VSYNC high" to "Delay time, LCD_PCLK low to LCD_VSYNC low"
•
Changed parameter descriptions, replacing arrows with text.
•
Added "The activation edge of the control signals ..." footnote
Section 5.22.2
•
Added associated footnote cross-references to PARAMETER No. 8, 9, 10, and 11
LCD Raster Mode
Figure 5-56, LCD Raster-Mode Active:
•
Updated/Changed LCD_AC_ENB_CS signal in figure
•
Added LCD_AC_ENB_CS in expanded view
•
Added "x" in "16 (1 to 1024)"
Table 5-100, Switching Characteristics for Host-Port Interface Cycles:
•
Added "UHPI_" to the all signal names and descriptions to match associated figures and Terminal
Section 5.28.3
Functions signal names
HPI Electrical
Data/Timing
Figure 5-67 through Figure 5-70:
•
Added "UHPI_" to the all signal names in footnotes to match figures
Section 5.29.1
Section 5.29.1.1, Power Domain States:
Power Domain and
•
Added new subsection
Module Topology
Section 5.32.1, JTAG Peripheral Register Description(s) – JTAG ID Register (DEVIDR0):
Section 5.32
IEEE 1149.1 JTAG
•
Added Silicon Revisions "3.0" and "2.1" to the "0x9B7D F02F for silicon revision 2.0" bullet
Section 6.1.2
Device and
Updated/Changed subsection title from “Device Nomenclature” to “Device and Development-Support Tool
Development-
Nomenclature”
Support Tool
Nomenclature
Figure 6-1, Device Nomenclature:
•
Updated/Changed Silicon Revision to include Revision 3.0
Deleted the following document(s):
•
SPRUFK9, TMS320C674x/OMAP-L1x Processor Peripherals Overview Reference Guide
Section 6.2
•
SPRUG83, TMS320C6745 DSP System Reference Guide
Documentation
•
SPRUFK4, TMS320C6747 DSP System Reference Guide
Support
Added the following document(s):
•
SPRUH91, TMS320C6745/C6747 DSP Technical Reference Manual
•
Deleted “Mechanical Drawings” section and moved paragraph under Section 7, Mechanical Packaging
Section 7
and Orderable Information
Mechanical
Packaging and
•
Deleted Packaging Materials Information subsection (was Section 7.1 in the previous revision), duplicate
Orderable
information
Information
•
Added Section 7.4, Packaging Information
8
Contents
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com