| Electronic Components Datasheet Search |
|
TMS320VC33 Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 58 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 47 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 HOLD timing HOLD is a synchronous input that can be asserted at any time during a clock cycle. If the specified timings are met, the exact sequence shown in Figure 33 and Figure 34 occurs; otherwise, an additional delay of one clock cycle is possible. The table, “timing parameters for HOLD/HOLDA”, defines the timing parameters for the HOLD and HOLDA signals. The NOHOLD bit of the primary-bus control register overrides the HOLD signal. When this bit is set, the device comes out of hold and prevents future hold cycles. Asserting HOLD prevents the processor from accessing the primary bus. Program execution continues until a read from or a write to the primary bus is requested. In certain circumstances, the first write is pending, therefore, allowing the processor to continue (internally) until a second external write is encountered. Figure 33, Figure 34, and the accompanying timings are for a zero wait-state bus configuration. Since HOLD is internally captured by the CPU on the H1 falling edge one cycle before the present cycle is terminated, the minimum HOLD width for any bus configuration is, therefore, WTCNT+3. Also, HOLD should not be deasserted before HOLDA has been active for at least one cycle. timing requirements for HOLD/HOLDA (see Figure 33 and Figure 34) VC33-120 VC33-150 UNIT MIN MAX MIN MAX UNIT tsu(HOLD-H1L) Setup time, HOLD before H1 low 4 3 ns tw(HOLD) Pulse duration, HOLD low 3tc(H) 3tc(H) ns switching characteristics over recommended operating conditions for HOLD/HOLDA (see Figure 33 and Figure 34) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT tv(H1L-HOLDA) Valid time, HOLDA after H1 low --1 4 --1 3 ns tw(HOLDA) Pulse duration, HOLDA low 2tc(H) -- 4 2tc(H) -- 4 ns td(H1L-SH)H Delay time, H1 low to STRB high for a HOLD --1 4 --1 3 ns tdis(H1L-S) Disable time, STRB to the high-impedance state from H1 low 5 4 ns ten(H1L-S) Enable time, STRB enabled (active) from H1 low 5 5 ns tdis(H1L-RW) Disable time, R/W to the high-impedance state from H1 low 5 4 ns ten(H1L-RW) Enable time, R/W enabled (active) from H1 low 5 5 ns tdis(H1L-A) Disable time, Address to the high-impedance state from H1 low 5 4 ns ten(H1L-A) Enable time, Address enabled (valid) from H1 low 5 5 ns tdis(H1H-D) Disable time, Data to the high-impedance state from H1 high 5 4 ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |