Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733IPWR
Description  Micropower Supply Voltage Supervisors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7733IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC7733IPWR Datasheet HTML 1Page - Texas Instruments TLC7733IPWR Datasheet HTML 2Page - Texas Instruments TLC7733IPWR Datasheet HTML 3Page - Texas Instruments TLC7733IPWR Datasheet HTML 4Page - Texas Instruments TLC7733IPWR Datasheet HTML 5Page - Texas Instruments TLC7733IPWR Datasheet HTML 6Page - Texas Instruments TLC7733IPWR Datasheet HTML 7Page - Texas Instruments TLC7733IPWR Datasheet HTML 8Page - Texas Instruments TLC7733IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DRB PACKAGE
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
www.ti.com
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
Micropower Supply Voltage Supervisors
Check for Samples: TLC7701, TLC7725, TLC7703 , TLC7733, TLC7705
1
FEATURES
•
Power-On Reset Generator
•
Automatic Reset Generation After Voltage
Drop
•
Precision Voltage Sensor
•
Temperature-Compensated Voltage Reference
•
Programmable Delay Time by External
Capacitor
•
Supply Voltage Range . . . 2 V to 6 V
•
Defined RESET Output from VDD ≥ 1 V
•
Power-Down Control Support for Static RAM
With Battery Backup
•
Maximum Supply Current of 16 µA
•
Power Saving Totem-Pole Outputs
•
Temperature Range . . . Up to –55°C to 125°C
APPLICATIONS
•
Medical Imaging
DESCRIPTION
The TLC77xx family of micropower supply voltage
supervisors
provide
reset
control,
primarily
in
microcomputer and microprocessor systems.
During power-on, RESET is asserted when VDD
reaches
1
V.
After
minimum
VDD (≥2 V) is
established, the circuit monitors SENSE voltage and
keeps the reset outputs active as long as SENSE
voltage
(VI(SENSE)) remains below the threshold
voltage. An internal timer delays return of the output
to the inactive state to ensure proper system reset.
The delay time, td, is determined by an external
capacitor:
td = 2.1 × 10
4 × C
T
Where
CT is in farads
td is in seconds
SPACER
Except for the TLC7701, which can be customized with two external resistors, each supervisor has a fixed sense
threshold voltage set by an internal voltage divider. When SENSE voltage drops below the threshold voltage, the
outputs become active and stay in that state until SENSE voltage returns above threshold voltage and the delay
time, td, has expired.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC7733IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7733IPWR TI1-TLC7733IPWR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7733IPWR TI-TLC7733IPWR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7733IPWR TI1-TLC7733IPWR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7733IPWR TI1-TLC7733IPWR Datasheet
1Mb / 37P
Micropower Supply Voltage Supervisors
TLC7733IPWR TI1-TLC7733IPWR Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
More results

Similar Description - TLC7733IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com