Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733MFKB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733MFKB
Description  Micropower Supply Voltage Supervisors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7733MFKB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC7733MFKB Datasheet HTML 5Page - Texas Instruments TLC7733MFKB Datasheet HTML 6Page - Texas Instruments TLC7733MFKB Datasheet HTML 7Page - Texas Instruments TLC7733MFKB Datasheet HTML 8Page - Texas Instruments TLC7733MFKB Datasheet HTML 9Page - Texas Instruments TLC7733MFKB Datasheet HTML 10Page - Texas Instruments TLC7733MFKB Datasheet HTML 11Page - Texas Instruments TLC7733MFKB Datasheet HTML 12Page - Texas Instruments TLC7733MFKB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
www.ti.com
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
SWITCHING CHARACTERISTICS
at VDD = 5 V, RL = 2 kΩ, CL = 50 pF, TA = 25°C (unless otherwise noted)
MEASURED
TLC77xxM
PARAMETER
TEST CONDITIONS
TA
UNIT
FROM
TO
MIN
TYP
MAX
(INPUT)
(OUTPUT)
RESET
RESIN = 2.7 V, CONTROL = 0.4 V,
td
Delay time
VI(SENSE) ≥ VIT+
and
Full range
1.1
2.1
4.2
ms
CT = 100 nF, See timing diagram
RESET
25°C
20
VIH = VIT+max + 0.2 V,
RESET
µs
Propagation delay
Full range
24
VIL = VIT-min - 0.2 V,
tPLH
time, low-to-high-level
SENSE
RESIN = 2.7 V, CONTROL = 0.4 V,
25°C
5
output
RESET
µs
CT = NC(1)
Full range
7
25°C
5
VIH = VIT+max + 0.2 V,
RESET
µs
Propagation delay
Full range
7
VIL = VIT-min - 0.2 V,
tPHL
time, high-to-low-level
SENSE
RESIN = 2.7 V, CONTROL = 0.4 V,
25°C
20
output
RESET
µs
CT = NC(1)
Full range
24
25°C
20
VIH = 2.7 V, VIL = 0.4 V,
RESET
µs
Propagation delay
Full range
24
SENSE = VIT+max + 0.2 V,
tPLH
time, low-to-high-level
RESIN
CONTROL = 0.4 V,
25°C
45
output
RESET
ns
CT = NC(1)
Full range
65
25°C
40
VIH = 2.7 V, VIL = 0.4 V,
RESET
ns
Propagation delay
Full range
60
SENSE = VIT+max + 0.2 V,
tPHL
time, high-to-low-level
RESIN
CONTROL = 0.4 V,
25°C
20
output
RESET
µs
CT = NC(1)
Full range
24
Propagation delay
25°C
38
tPLH
time, low-to-high-level
ns
VIH = 2.7 V, VIL = 0.4 V,
Full range
58
output
SENSE = VIT+max + 0.2 V,
CONTROL
RESET
RESIN = 2.7 V,
Propagation delay
25°C
38
CT = NC(1)
tPHL
time, high-to-low-level
ns
Full Range
58
output
VIH = VIT+max + 0.2 V,
SENSE
3
Low-level minimum
VIL = VIT-min - 0.2 V
Full range
µs
pulse duration
RESIN
VIL = 0.4 V, VIH = 2.7 V
1
tr
Rise time
RESET
10% to 90%
8
and
Full range
ns/V
tf
Fall time
90% to 10%
4
RESET
(1)
NC = No capacitor, and includes up to 100-pF probe and jig capacitance.
Copyright © 1994–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com