| Electronic Components Datasheet Search |
|
ECQE6104F Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECQE6104F Datasheet(HTML) 9 Page - Panasonic Semiconductor |
|
9 / 19 page ![]() Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC40− Plastic Film Capacitors ●Rated voltage : 250 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K) Noise suppression Capacitors (Across-the-line) Style D:0.010 µF to 0.047 µF Style B:0.056 µF to 0.47 µF Table 1 ❈Please consult us about Crimed lead type of 0.56 µF to 2.2 µF. Notice for AC rated AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. As for clause 2 of ''Electrical Appliance and Material Safety Law'', please use ECQUL type or ECQUG type. When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition. 1. Capacitor shall be connected in parallel with varistor (Specified varistor voltage in table 1.) 2. Voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors. Cap. Rated Voltage 250 VAC Varistor voltage 470 V Pulse voltage 630 V0–P Suffix for lead crimped or taped type. Cap. tol. code MF( ) Part No. 0.010 12.5 5.5 10.8 15.8 10.0 10.0 1.0 0.60 0.012 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.60 0.015 12.5 6.3 9.9 14.9 10.0 10.0 1.0 0.60 0.018 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.022 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.60 0.027 12.5 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.033 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.039 12.5 6.0 13.4 18.4 10.0 10.0 1.0 0.60 0.047 12.5 6.5 14.4 19.4 10.0 10.0 1.0 0.60 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.60 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.60 0.082 18.5 6.3 12.0 17.0 15.0 10.0 1.0 0.60 0.10 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.60 0.12 18.5 6.8 14.5 19.5 15.0 10.0 1.0 0.80 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.80 0.22 18.5 9.0 16.9 21.9 15.0 10.0 1.0 0.80 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.80 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.80 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.80 0.56 26.0 10.0 20.0 ─ 22.5 ─ 1.0 0.80 0.68 26.0 11.5 21.0 ─ 22.5 ─ 1.0 0.80 0.82 26.0 13.0 22.5 ─ 22.5 ─ 1.0 0.80 1.0 31.0 12.5 21.9 ─ 27.5 ─ 1.5 0.80 1.2 31.0 13.5 23.0 ─ 27.5 ─ 1.5 0.80 1.5 31.0 15.3 24.7 ─ 27.5 ─ 1.5 0.80 1.8 31.0 16.8 27.0 ─ 27.5 ─ 1.5 0.80 2.2 31.0 19.5 29.0 ─ 27.5 ─ 1.5 0.80 ECQE2A103 □F( ) ECQE2A123 □F( ) ECQE2A153 □F( ) ECQE2A183 □F( ) ECQE2A223 □F( ) ECQE2A273 □F( ) ECQE2A333 □F( ) ECQE2A393 □F( ) ECQE2A473 □F( ) ECQE2A563 □F( ) ECQE2A683 □F( ) ECQE2A823 □F( ) ECQE2A104 □F( ) ECQE2A124 □F( ) ECQE2A154 □F( ) ECQE2A184 □F( ) ECQE2A224 □F( ) ECQE2A274 □F( ) ECQE2A334 □F( ) ECQE2A394 □F( ) ECQE2A474 □F( ) ECQE2A564P( )( ) ECQE2A684P( )( ) ECQE2A824P( )( ) ECQE2A105P( )( ) ECQE2A125P( )( ) ECQE2A155P( )( ) ECQE2A185P( )( ) ECQE2A225P( )( ) Cap. (µF) 500 1000 500 400 300 − − Dimensions (mm) L max. T max. φd H max. Straight Crimped lead Straight F Crimped lead S Straight G max. 500 Min. order Q'ty Taping Standard 5 mm Odd size 7.5 mm Bulk p Œ ¯ ¶ ‚ /P33-52 12.11.14 19:29 y [ W 40 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |