Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MicroSMP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MicroSMP
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MicroSMP Datasheet(HTML) 2 Page - Vishay Siliconix

  MicroSMP Datasheet HTML 1Page - Vishay Siliconix MicroSMP Datasheet HTML 2Page - Vishay Siliconix MicroSMP Datasheet HTML 3Page - Vishay Siliconix MicroSMP Datasheet HTML 4Page - Vishay Siliconix MicroSMP Datasheet HTML 5Page - Vishay Siliconix MicroSMP Datasheet HTML 6Page - Vishay Siliconix MicroSMP Datasheet HTML 7Page - Vishay Siliconix MicroSMP Datasheet HTML 8Page - Vishay Siliconix MicroSMP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
2
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BULK PACKAGING
CASE TYPES
PREFERRED
PACKAGE
CODE
PACKAGING
BOX SIZE
QUANTITY
INCHES
cm
EA.
DF-M, DF-S, DFL-S
45
Anti-static plastic tubes
17.4 length
44.1 length
50
GSIB-3S
45
Anti-static plastic tubes
25.1 length
63.9 length
20
GSIB-5S, PB
45
Anti-static plastic tubes
24.2 length
61.5 length
20
GBU, BU
45
Anti-static plastic tubes
18.5 length
47 length
20
GBL
45
Anti-static plastic tubes
17.5 length
44.5 length
20
KBPM
45
Anti-static plastic tubes
18.5 length
47 length
30
TO-220AB/AC, ITO-220AC/AB, TO-262AA
45, 4W
Anti-static plastic tubes
21.0 length
53.7 length
50
TO-247AD
45
Anti-static plastic tubes
20.0 length
50.8 length
30
TO-269AA (MB-S)
45
Anti-static plastic tubes
20.3 x 0.41
51.5 x 1.04
100
KBPM
51
Anti-static PVC tray
12.5 x 6.5 x 1.25
31.7 x 16.5 x 3.17
600
GBL
51
Anti-static PVC tray
12.5 x 6.1 x 1.0
30.9 x 15.5 x 2.5
400
GBPC12-35W
51
Paper box
12.5 x 12.5 x 1.7
31.7 x 31.7 x 4.3
100
GBPC1, GBPC6
51
Paper box
7.5 x 7.5 x 1.43
19.0 x 19.0 x 3.6
100
KBL
51
Anti-static PVC tray
12.2 x 6.1 x 1.5
30.9 x 15.5 x 3.8
300
GBPC12-35
51
Paper box
12.5 x 12.5 x 1.7
31.7 x 31.7 x 4.3
100
KBU4, 6, 8
51
Anti-static PVC tray
12.2 x 6.1 x 1.5
30.9 x 15.5 x 3.8
250
WOG, 2WOG
51
Plastic bags
-
-
100
GBU, /BU
51
Paper tray
13.1 x 6.6 x 1.2
33.2 x 17.2 x 3.0
250
KBPM
72
Paper box
7.4 x 7.4 x 1.5
18.8 x 18.8 x 3.8
200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com