Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MicroSMP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MicroSMP
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MicroSMP Datasheet(HTML) 4 Page - Vishay Siliconix

  MicroSMP Datasheet HTML 1Page - Vishay Siliconix MicroSMP Datasheet HTML 2Page - Vishay Siliconix MicroSMP Datasheet HTML 3Page - Vishay Siliconix MicroSMP Datasheet HTML 4Page - Vishay Siliconix MicroSMP Datasheet HTML 5Page - Vishay Siliconix MicroSMP Datasheet HTML 6Page - Vishay Siliconix MicroSMP Datasheet HTML 7Page - Vishay Siliconix MicroSMP Datasheet HTML 8Page - Vishay Siliconix MicroSMP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
4
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AXIAL-LEADED TAPE AND REEL PACKAGING
Note
• Package codes, 61/5A, 52/5B are matrix-frame constructions for TRANSZORB® TVS in SMA and SMB only.
TABLE 2 - REEL AND AMMO PACK TAPING SPECIFICATIONS
COMPONENT
CASE TYPE
PREFERRED
PACKAGE
CODE
UNITS
PER REEL
COMPONENT
PITCH
“A” Fig. 1
INSIDE TAPE
SPACING “B”
Fig. 1
REEL DIMENSION
“D” Fig. 2
LEAD BENDING
“E” Fig. 1
EA.
INCHES
mm
INCHES
mm
INCHES
mm
INCHES
mm
1.5KA (PAR)
54
1400
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
DO-204AC
54
4000
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
DO-201AD
54
1400
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
DO-204AL
54
5500
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
DFS Surface Mount
77
1500
Fig. 13
-
-
13.0
330
Fig. 13
-
DO-214BA (GF1)
67A/5CA
1500/6500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-213AA (GL34)
98/83
2500/9000
-
-
7.0/13.0
178/330
Fig. 13
-
DO-213AB (GL41)
96/97
1500/5000
-
-
7.0/13.0
178/330
Fig. 13
-
GP10E Radial
Fig. 7 and Fig. 8
2500
0.500
12.7
-
-
13.0
330
0.079
2.0
GP10E
54
5500
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
GP20/1.5KE
54
1400
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
MPG06
100
5500
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
P600
54
800
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
DO-220AA (SMP)
84A/85A
3000/10 000
Fig. 13
-
-
7.0/13.0
178/330
Fig. 13
-
SMPD
8A
2000
-
-
13.0
330
Fig. 13
-
MicroSMP
89A
4500
-
-
7.0
178
Fig. 13
-
TO-277A (SMPC)
86A/87A
1500/6500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-214AC (SMA)
61, 61T, TR/5A,
5AT, TR3
1800/7500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-214AA (SMB)/
DO-215AA (SMBG)
52, 52T/5B, 5BT
750/3200
-
-
7.0/13.0
178/330
Fig. 13
-
DO-214AB (SMC)/
DO-215AB (SMCG)
57T/9AT
850/3500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-218AB
2D
750
-
-
13.0
330
Fig. 13
-
TO-263AB
81, 8W
800
-
-
13.0
330
Fig. 13
-
TO-269AA (MB-S)
80
3000
-
-
13.0
330
Fig. 13
-
DO-221AC
(SlimSMA)
6A/6B
3500/14 000
-
-
7.0/13.0
178/330
Fig. 13
-
TABLE 3 - COMPONENT AND INSIDE HORIZONTAL TAPE SPACING
COMPONENT
BODY DIAMETER
COMPONENTS SPACING
A (LEAD TO LEAD)
INSIDE TAPE
SPACING "B"
CUMULATIVE
PITCH TOLERANCE
0 mm to 5 mm
(0.0" to 0.197")
5.0 mm ± 0.5 mm
(0.197" ± 0.020")
26 mm + 1.5 mm/- 0.0 mm
(1.024" + 0.059"/- 0.0")
Not to exceed 1.5 mm (0.059")
over 6 consecutive components
0 mm to 5 mm
(0.0" to 0.197")
5.0 mm ± 0.5 mm
(0.197" ± 0.020")
52.4 mm + 1.5 mm/- 0.4 mm
(2.062" + 0.059"/- 0.016")
5.01 mm to 10 mm
(0.197" to 0.394")
10 mm ± 0.5 mm
(0.394" ± 0.020")
52.4 mm + 1.5 mm/- 0.4 mm
(2.062" + 0.059"/- 0.016")



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com