Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC04F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC04F
Description  High-Speed CMOS Logic Hex Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC04F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC04F Datasheet HTML 1Page - Texas Instruments CD54HC04F Datasheet HTML 2Page - Texas Instruments CD54HC04F Datasheet HTML 3Page - Texas Instruments CD54HC04F Datasheet HTML 4Page - Texas Instruments CD54HC04F Datasheet HTML 5Page - Texas Instruments CD54HC04F Datasheet HTML 6Page - Texas Instruments CD54HC04F Datasheet HTML 7Page - Texas Instruments CD54HC04F Datasheet HTML 8Page - Texas Instruments CD54HC04F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS117E
Features
• Buffered Inputs
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2-V to 6-V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5-V to 5.5-V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
CD54HC04,
CD54HCT04,
CD74HC04
and
CD74HCT04
logic
gates
utilize
silicon-gate
CMOS
technology to achieve operating speeds similar to LSTTL
gates, with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The 74HCT logic family functionally is pin
compatible with the standard 74LS logic family.
Pinout
CD54HC04, CD54HCT04 (CERDIP)
CD74HC04 (PDIP, SOIC)
CD74HCT04 (PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC04F3A
-55 to 125
14 Ld CERDIP
CD54HCT04F3A
-55 to 125
14 Ld CERDIP
CD74HC04E
-55 to 125
14 Ld PDIP
CD74HC04M
-55 to 125
14 Ld SOIC
CD74HC04MT
-55 to 125
14 Ld SOIC
CD74HC04M96
-55 to 125
14 Ld SOIC
CD74HCT04E
-55 to 125
14 Ld PDIP
CD74HCT04M
-55 to 125
14 Ld SOIC
CD74HCT04MT
-55 to 125
14 Ld SOIC
CD74HCT04M96
-55 to 125
14 Ld SOIC
CD74HCT04PWR
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel. The suffix T denotes a
small-quantity reel of 250.
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised June 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54HC04, CD74HC04,
CD54HCT04, CD74HCT04
High-Speed CMOS Logic Hex Inverter
[ /Title
(CD54H
C04,
CD54H
CT04,
CD74H
C04,
CD74H
CT04)
/Subject
(High
Speed


Similar Part No. - CD54HC04F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04F TI-CD54HC04F Datasheet
30Kb / 6P
High Speed CMOS Logic Hex Inverter
CD54HC04F TI2-CD54HC04F Datasheet
1Mb / 26P
CDx4HC04 Hex Inverters
REVISED APRIL 2021
CD54HC04F.A TI2-CD54HC04F.A Datasheet
1Mb / 26P
CDx4HC04 Hex Inverters
REVISED APRIL 2021
CD54HC04F3A TI2-CD54HC04F3A Datasheet
1Mb / 26P
CDx4HC04 Hex Inverters
REVISED APRIL 2021
CD54HC04F3A.A TI2-CD54HC04F3A.A Datasheet
1Mb / 26P
CDx4HC04 Hex Inverters
REVISED APRIL 2021
More results

Similar Description - CD54HC04F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
High Speed CMOS Logic Hex Inverter
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
Hex Inverter High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
High-Speed CMOS Logic Hex Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
Hex Inverter High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Inverter
logo
Texas Instruments
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
High-Speed CMOS Logic Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com