Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199B2DCKT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA199B2DCKT
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA199B2DCKT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA199B2DCKT Datasheet HTML 9Page - Texas Instruments INA199B2DCKT Datasheet HTML 10Page - Texas Instruments INA199B2DCKT Datasheet HTML 11Page - Texas Instruments INA199B2DCKT Datasheet HTML 12Page - Texas Instruments INA199B2DCKT Datasheet HTML 13Page - Texas Instruments INA199B2DCKT Datasheet HTML 14Page - Texas Instruments INA199B2DCKT Datasheet HTML 15Page - Texas Instruments INA199B2DCKT Datasheet HTML 16Page - Texas Instruments INA199B2DCKT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Output
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
+2.7V to +26V
REF
R
1
R
3
R
2
R
4
R
SHUNT
INA199A1, INA199B1
INA199A2, INA199B2
INA199A3, INA199B3
www.ti.com
SBOS469D – MAY 2009 – REVISED NOVEMBER 2012
REF INPUT IMPEDANCE EFFECTS
As with any difference amplifier, the INA199 series common-mode rejection ratio is affected by any impedance
present at the REF input. This concern is not a problem when the REF pin is connected directly to most
references or power supplies. When using resistive dividers from the power supply or a reference voltage, the
REF pin should be buffered by an op amp.
In systems where the INA199 output can be sensed differentially, such as by a differential input analog-to-digital
converter (ADC) or by using two separate ADC inputs, the effects of external impedance on the REF input can
be cancelled. Figure 23 depicts a method of taking the output from the INA199 by using the REF pin as a
reference.
Figure 23. Sensing INA199 to Cancel Effects of Impedance on the REF Input
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA199A1 INA199B1 INA199A2 INA199B2 INA199A3 INA199B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com