Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP321C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP321C-R
Description  4 - PIN POWER LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP321C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP321C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP321C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP321C-R Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4 - PIN POWER LED
1 of 3
1/4/00
300018A
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
Continuous Forward Current
IF
70
mA
Peak Forward Current
IF
200
mA
(f = 100 Hz, Duty Factor = 1/10)
Reverse Voltage
VR
5V
Power Dissipation
PD
160
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
0.320 (8.12)
0.280 (7.12)
0.320 (8.12)
0.280 (7.12)
0.118 (3.00)
0.079 (2.00)
R0.035 (0.90)
R0.020 (0.50)
0.181 (4.60)
0.166 (4.20)
0.303 (7.70)
0.287 (7.50)
0.020 (0.50)
0.033 (0.85)
0.026 (0.65)
0.024 (0.60)
0.008 (0.20)
TYP.
0.212 (5.38)
0.188 (4.78)
0.075 (1.90)
0.069 (1.75)
0.053 (1.35)
C - CATHODE
A - ANODE
CC
A
A
C. 0.050 (1.25)
Ø 0.126 (3.20 )
Ø 0.110 (2.80)
PACKAGE DIMENSIONS
RED
QTLP321C-R
ORANGE
QTLP321C-E
YELLOW
QTLP321C-Y
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Lead spacing is measured where the leads emerge from
the package.
3. Protruded resin under the flange is 0.059" (1.5 mm) max.
4. All tolerances are ±0.10” (0.25 mm) unless otherwise
specified.
APPLICATIONS
• Exterior automotive lighting
• Area displays
• Backlighting
• Message panels
FEATURES
• AllnGaP (Aluminum Indium Gallium Phosphide) technology
• High current application
• Reduced thermal resistance
• Tube packaging
DESCRIPTION
This low profile, 4-pin LED provides a more uniform and
evenly distributed illumination than existing LED designs. Its
unique optical package enables designers to utilize fewer LEDs
while achieving superior lighting performance.


Similar Part No. - QTLP321C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP321C-W FAIRCHILD-QTLP321C-W Datasheet
68Kb / 3P
4 - PIN POWER LED
More results

Similar Description - QTLP321C-R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L2204 HAMAMATSU-L2204 Datasheet
133Kb / 4P
4-pin plastic package, infrared LED
logo
Fairchild Semiconductor
QTLP320C-R FAIRCHILD-QTLP320C-R Datasheet
336Kb / 4P
4 - PIN POWER LED
QTLP321C-W FAIRCHILD-QTLP321C-W Datasheet
68Kb / 3P
4 - PIN POWER LED
logo
OPTEK Technologies
OVFSAAC8 OPTEK-OVFSAAC8 Datasheet
602Kb / 5P
4-Pin Amber LED Lamp (7.6mm)
5/19
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
OVFSG6C8 OPTEK-OVFSG6C8 Datasheet
625Kb / 5P
4-Pin Green LED Lamp (7.6mm)
OVFSQ4C8 OPTEK-OVFSQ4C8 Datasheet
645Kb / 5P
4-Pin Red-Orange LED Lamp
OVFSW6C8 OPTEK-OVFSW6C8 Datasheet
684Kb / 6P
4-Pin White LED Lamp (7.6mm)
logo
CUI INC
PD-40VS CUI-PD-40VS Datasheet
97Kb / 2P
4 PIN POWER DIN
logo
TT Electronics.
OVFSB7C8 TTELEC-OVFSB7C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com