Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802DB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1802DB Datasheet HTML 3Page - Texas Instruments PCM1802DB Datasheet HTML 4Page - Texas Instruments PCM1802DB Datasheet HTML 5Page - Texas Instruments PCM1802DB Datasheet HTML 6Page - Texas Instruments PCM1802DB Datasheet HTML 7Page - Texas Instruments PCM1802DB Datasheet HTML 8Page - Texas Instruments PCM1802DB Datasheet HTML 9Page - Texas Instruments PCM1802DB Datasheet HTML 10Page - Texas Instruments PCM1802DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
HPF (High-Pass Filter) Frequency Response
Frequency [
× fS/1000]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0
1
2
3
4
G006
Frequency [
× fS/1000]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.1
0.2
0.3
0.4
G005
Analog Filter—Antialiasing Filter Frequence Response
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
f − Frequency − Hz
1
10
100
100k
1k
10k
G008
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
f − Frequency − Hz
100
1k
10k
10M
100k
1M
G007
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER (continued)
AMPLITUDE
AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 5. HPF Stop-Band Characteristics
Figure 6. HPF Pass-Band Characteristics
AMPLITUDE
AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 7. Antialias Filter Stop-Band Characteristics
Figure 8. Antialias Filter Pass-Band Characteristics
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS,
oversampling ratio =
×128, 24-bit data, unless otherwise noted.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com