Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPR4012 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPR4012
Description  For Step-Up, Resonant & Flyback Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPR4012 Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPR4012 Datasheet HTML 1Page - Coilcraft lnc. LPR4012 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 713-1
The LPR4012 miniature shielded coupled inductors are
only 1,1 mm high and 4 mm square.The excellent coupling
coefficient (k = 0.95) makes them ideal for use as flyback
transformers in DC-DC converters or as coupled inductors
in buck regulators to provide multiple outputs. The wide
selection of turns ratios makes them suitable for a variety
of voltage step-up and step-down applications. They can
also be used in autotransformer applications.
The high Isat and low DCR ratings of these low profile
parts provide high efficiency and excellent current handling
in a rugged, low cost design.
Custom inductance values and turn ratios are available
upon request.
Document 713-1 Revised 01/29/10
Primary (L1)
SRF
inductance2 Turns
DCR max (Ohms)
typ3
Isat (A)4
Irms (A)5
Part number1
± 20% (µH)
ratio
L1
L2
(MHz)
10% drop 20% drop 30% drop 20°C rise 40°C rise
LPR4012-202AML_
2.0
1
: 1.5
0.240
0.325
61.5
1.70
1.73
1.74
1.10
1.45
LPR4012-202BML_
2.0
1
: 2
0.240
0.480
49.4
1.70
1.73
1.74
1.10
1.45
LPR4012-202DML_
2.0
1
: 3
0.240
1.15
31.0
1.70
1.73
1.74
1.10
1.45
LPR4012-202LML_
2.0
1
: 10
0.240
11.62
7.43
1.70
1.73
1.74
1.10
1.45
LPR4012-103BML_
10.0
1
: 2
0.600
1.55
19.5
0.62
0.64
0.65
0.52
0.70
LPR4012-103DML_
10.0
1
: 3
0.600
3.71
12.8
0.62
0.64
0.65
0.52
0.70
LPR4012-223BML_
22.0
1
: 2
1.16
3.65
11.2
0.43
0.45
0.46
0.43
0.57
LPR4012-223DML_
22.0
1
: 3
1.16
7.08
8.00
0.43
0.45
0.46
0.43
0.57
1. When ordering, please specify
termination and packaging codes:
LPR4012-223XMLC
Termination: L = RoHS compliant Silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (3500 parts per full reel).
2. Inductance is measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR meter or equivalent.
3. SRF measured using an Agilent/HP 4191A or equivalent. When leads are connected in parallel, SRF is the same value.
4. DC current applied to L1, at which the inductance drops the specified amount from its value without current.
5. Current applied to L1 that causes the specified temperature rise from 25°C ambient.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coupled Inductors – LPR4012
ForStep-Up,Resonant
&FlybackApplications


Similar Part No. - LPR4012

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-103BML COILCRAFT-LPR4012-103BML Datasheet
210Kb / 2P
Coupled Inductors
LPR4012-103DML COILCRAFT-LPR4012-103DML Datasheet
210Kb / 2P
Coupled Inductors
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
Coupled Inductors
LPR4012-202BML COILCRAFT-LPR4012-202BML Datasheet
210Kb / 2P
Coupled Inductors
LPR4012-202DML COILCRAFT-LPR4012-202DML Datasheet
210Kb / 2P
Coupled Inductors
More results

Similar Description - LPR4012

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR6235-253PML COILCRAFT-LPR6235-253PML Datasheet
199Kb / 2P
Miniature Step-Up / Flyback Transformers
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Coilcraft lnc.
LPR6235 COILCRAFT-LPR6235_13 Datasheet
154Kb / 2P
For Step-Up, Resonant & Flyback Applications
logo
List of Unclassifed Man...
120-277-275 ETC2-120-277-275 Datasheet
229Kb / 1P
Step Up Autotransformers for Lighting Applications
logo
STMicroelectronics
AN1376 STMICROELECTRONICS-AN1376 Datasheet
1Mb / 35P
25W QUASI-RESONANT FLYBACK CONVERTER FOR
Nov-2001
logo
List of Unclassifed Man...
120:277-275VA ETC2-120:277-275VA Datasheet
755Kb / 1P
Step-Up Autotransformers for Lighting Applications
logo
Maxim Integrated Produc...
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
Resonant Flyback Switching Regulator
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
Step-Up Converter for Handheld Applications
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com