Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AIPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AIPWR
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AIPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4364AIPWR Datasheet HTML 3Page - Texas Instruments OPA4364AIPWR Datasheet HTML 4Page - Texas Instruments OPA4364AIPWR Datasheet HTML 5Page - Texas Instruments OPA4364AIPWR Datasheet HTML 6Page - Texas Instruments OPA4364AIPWR Datasheet HTML 7Page - Texas Instruments OPA4364AIPWR Datasheet HTML 8Page - Texas Instruments OPA4364AIPWR Datasheet HTML 9Page - Texas Instruments OPA4364AIPWR Datasheet HTML 10Page - Texas Instruments OPA4364AIPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Frequency (Hz)
10
10k
100k
1M
100
1k
10M
130
120
110
100
90
80
70
60
50
40
50 s/div
m
Offset Voltage Drift ( V/ C)
m
°
0
20
15
10
5
0
1
2
3
4
5
6
7
8
9
> 10
Offset Voltage (mV)
16
14
12
10
8
6
4
2
0
Typical Production
Distribution of
Packaged Units
OPA36xAI
0
1.0
2.0
2.5
-2.5
-2.0
-1.0
Load Capacitance (pF)
100
G = +1
1k
60
50
40
30
20
10
0
G = +10
Closed-Loop Gain (V/V)
1
10
0.01%
100
100
10
1
0.1
0.1%
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
SETTLING TIME
vs LOAD CAPACITANCE
vs CLOSED-LOOP GAIN
Figure 13.
Figure 14.
OFFSET DRIFT DISTRIBUTION
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 15.
Figure 16.
OUTPUT ENABLE CHARACTERISTIC
(VS = 5V, VOUT = 20kHz Sinusoid)
CHANNEL SEPARATION vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com