Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AIPWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA4364AIPWRG4
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AIPWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  OPA4364AIPWRG4 Datasheet HTML 1Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 2Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 3Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 4Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 5Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 6Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 7Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 8Page - Texas Instruments OPA4364AIPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage
+5.5
V
Voltage(2)
–0.5 to (V+) + 0.5
V
Signal input terminals
Current(2)
±10
mA
Output short-circuit(3)
Continuous
mA
Operating temperature, TA
–40 to +150
°C
Storage temperature, Tstg
–65 to +150
°C
Junction temperature, TJ
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
OPAx363, OPAx364
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage, OPA363I, OPA364I
VOS
VS = +5V
500
μV
OPA2363I, OPA2364I
900
μV
OPA363AI, OPA364AI, OPA2363AI, OPA2364AI,
1
2.5
mV
OPA4364AI
Drift
dVOS/dT
3
μV/°C
vs Power Supply
PSRR
VS = 1.8V to 5.5V, VCM = 0
80
330
μV/V
Channel Separation, dc
1
μV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
pA
over Temperature
See Typical Characteristics
Input Offset Current
IOS
±1
±10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
en
10
µVPP
Input Voltage Noise Density, f = 10kHz
en
17
nV/
√Hz
Input Current Noise Density, f = 10kHz
in
0.6
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
(V
−) – 0.1V < VCM < (V+) + 0.1V
74
90
dB
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com