Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4364AIPWT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AIPWT
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AIPWT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA4364AIPWT Datasheet HTML 17Page - Texas Instruments OPA4364AIPWT Datasheet HTML 18Page - Texas Instruments OPA4364AIPWT Datasheet HTML 19Page - Texas Instruments OPA4364AIPWT Datasheet HTML 20Page - Texas Instruments OPA4364AIPWT Datasheet HTML 21Page - Texas Instruments OPA4364AIPWT Datasheet HTML 22Page - Texas Instruments OPA4364AIPWT Datasheet HTML 23Page - Texas Instruments OPA4364AIPWT Datasheet HTML 24Page - Texas Instruments OPA4364AIPWT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA2363AIDGSR
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2363AIDGST
VSSOP
DGS
10
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2363AIRSVR
UQFN
RSV
16
3000
177.8
12.4
2.0
2.8
0.7
4.0
12.0
Q1
OPA2363IDGSR
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2363IDGST
VSSOP
DGS
10
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2364AIDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2364AIDGKT
VSSOP
DGK
8
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2364AIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA2364IDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2364IDGKT
VSSOP
DGK
8
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2364IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA363AIDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA363AIDBVT
SOT-23
DBV
6
250
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA363IDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA363IDBVT
SOT-23
DBV
6
250
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA364AIDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA364AIDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
OPA364AIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com