| Electronic Components Datasheet Search |
|
REF5030IDGKT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF5030IDGKT Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 28 page ![]() REF5010, REF5020 REF5025, REF5030 REF5040, REF5045, REF5050 www.ti.com SBOS410E – JUNE 2007 – REVISED JUNE 2010 ELECTRICAL CHARACTERISTICS: PER DEVICE Boldface limits apply over the specified temperature range, TA = –40°C to +125°C. At TA = +25°C, ILOAD = 0, CL = 1mF, and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted. PER DEVICE PARAMETER CONDITIONS MIN TYP MAX UNIT REF5020 (VOUT = 2.048V) (1) OUTPUT VOLTAGE Output Voltage VOUT 2.7V < VIN < 18V 2.048 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 6 mVPP REF5025 (VOUT = 2.5V) OUTPUT VOLTAGE Output Voltage VOUT 2.5 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 7.5 mVPP REF5030 (VOUT = 3.0V) OUTPUT VOLTAGE Output Voltage VOUT 3.0 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 9 mVPP REF5040 (VOUT = 4.096V) OUTPUT VOLTAGE Output Voltage VOUT 4.096 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 12 mVPP REF5045 (VOUT = 4.5V) OUTPUT VOLTAGE Output Voltage VOUT 4.5 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 13.5 mVPP REF5050 (VOUT = 5.0V) OUTPUT VOLTAGE Output Voltage VOUT 5.0 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 15 mVPP REF5010 (VOUT = 10.0V) OUTPUT VOLTAGE Output Voltage VOUT 10.0 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 30 mVPP (1) For VOUT ≤ 2.5V, the minimum supply voltage is 2.7V. Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |