| Electronic Components Datasheet Search |
|
REF5050AIDGKT Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF5050AIDGKT Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 28 page ![]() REF5010, REF5020 REF5025, REF5030 REF5040, REF5045, REF5050 SBOS410E – JUNE 2007 – REVISED JUNE 2010 www.ti.com ELECTRICAL CHARACTERISTICS: ALL DEVICES Boldface limits apply over the specified temperature range, TA = –40°C to +125°C. At TA = +25°C, ILOAD = 0, CL = 1mF, and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted. REF50xx PARAMETER CONDITIONS MIN TYP MAX UNIT OUTPUT VOLTAGE TEMPERATURE DRIFT Output Voltage Temperature Drift dVOUT/dT High-Grade 2.5 3 ppm/°C Standard-Grade 3 8 ppm/°C LINE REGULATION Line Regulation dVOUT/dVIN REF5020(1) Only VIN = 2.7V to 18V 0.1 1 ppm/V All Other Devices VIN = VOUT + 0.2V 0.1 1 ppm/V Over Temperature 0.2 1 ppm/V LOAD REGULATION Load Regulation dVOUT/dILOAD –10mA < ILOAD < +10mA REF5020 Only VIN = 3V 20 30 ppm/mA All Other Devices VIN = VOUT + 0.75V 20 30 ppm/mA Over Temperature 50 ppm/mA SHORT-CIRCUIT CURRENT Short-Circuit Current ISC VOUT = 0 25 mA THERMAL HYSTERESIS (2) High-Grade MSOP-8 Cycle 1 10 ppm Standard-Grade MSOP-8 Cycle 1 30 ppm High-Grade SO-8 Cycle 1 5 ppm Standard-Grade SO-8 Cycle 1 10 ppm High-Grade MSOP-8 Cycle 2 5 ppm Standard-Grade MSOP-8 Cycle 2 10 ppm High-Grade SO-8 Cycle 2 3 ppm Standard-Grade SO-8 Cycle 2 5 ppm LONG-TERM STABILITY MSOP-8 0 to 1000 hours 50 ppm/1000 hr MSOP-8 1000 to 2000 hours 5 ppm/1000 hr SO-8 0 to 1000 hours 90 ppm/1000 hr SO-8 1000 to 2000 hours 10 ppm/1000 hr TEMP PIN Voltage Output At TA = +25°C 575 mV Temperature Sensitivity 2.64 mV/°C TURN-ON SETTLING TIME Turn-On Settling Time To 0.1% with CL = 1mF 200 ms POWER SUPPLY Supply Voltage VS See Note (1) VOUT + 0.2 (1) 18 V Quiescent Current 0.8 1 mA Over Temperature 1.2 mA TEMPERATURE RANGE Specified Range –40 +125 °C Operating Range –55 +125 °C Thermal Resistance qJA MSOP-8 150 °C/W SO-8 150 °C/W (1) For VOUT ≤ 2.5V, the minimal supply voltage is 2.7V. (2) The thermal hysteresis procedure is explained in more detail in the Application Information section. 4 Submit Documentation Feedback Copyright © 2007–2010, Texas Instruments Incorporated Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |