Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37652 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 37652
Description  BOARD HANDLER TRAYS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

37652 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  37652 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.protektivepak.com
DRAWING NUMBER
37650
DATE:
7/05
BOARD HANDLER TRAYS
© 2005 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Test Procedures/Method
Electrostatic Decay
0.01 seconds at 72°F and 11.8% R.H.
FED-STD-101, Method 4046
Surface Resistivity
107 - 108 ohms/sq. after 11 days at 68°F and 12% R.H.
for surface. 103 - 104 ohms/sq. for buried shielding layer
ASTM D257
Surface Resistivity, Low R.H. Cut-off
4% R.H.
Rockwell International Test Report of December 20, 1991
High-Voltage Discharge Resistance
Failure rate 0/5 (no oxide damage in five consecutive tests)
Rockwell International Test Report of December 20, 1991
Static Shielding
99.9% attenuation at 10kV; 99.6% attenuation at 30kV
EIA 541, appendix E, capacitive probe test
Charged Device Model (CDM) Safety
RTG >107 ohms at 86% R.H. or less
Rockwell International Test Report of December 20, 1991
Current-Carrying Hazard
103 mA at 110V; 103 mA at 220V
ESD from A to Z
Corrosivity
Contains 1-3 ppm reducible sulfur
FED-STD-101, Method 3005 for reducible sulfur
Antistat Transfer
No transfer
Rockwell International Test Report of January 8, 1992
Water & Isopropyl Alcohol Extraction
Surface resistivity 108 - 109 ohms/square at 74°F
Rockwell International Test Report of January 8, 1992
Tests for Antistat Permanence
and 36% R.H.
Sloughing Test
Negligible surface damage at 10 cycles and <5% of surface
ASTM D4060 at 70 rpm with CS-17 abrasive-coated
damage at 200 cycles in Taber Abrasion Test.
wheels and 1000 grams load
No conductive particles abrased from surface
Rockwell International Test Report of January 8, 1992
Recyclability
Complete recyclability of package
Rockwell International Test Report of January 8, 1992
Biodegradability
Biodegradation in or on moist soil
Volume Conductivity
Conductivity from wall to wall as well as across surface
Rockwell International Test Report of January 8, 1992
to assure permanence of the antistatic property
Shelf Life
Indefinite
Made in America
Features
•
Basic Protektive Pak tray
•
Great container for Kanban
-----------------------------------------
D
L
W
Item No. Size I.D. - L x W x D
37650
17-3/4 x 10-3/4 x 2-1/8
37651
17-7/8 x 13-5/8 x 2-1/8
37653
19-1/4 x 13-1/8 x 2-1/8
37654
19-3/8 x 15-3/4 x 2-1/8
37652
23-1/2 x 13-3/8 x 2-1/8


Similar Part No. - 37652

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3765 ETC2-3765 Datasheet
138Kb / 1P
Terminal Block Accessories
logo
American Electronic Com...
3765 AEC-3765 Datasheet
184Kb / 1P
Tilt Switch - Mercury
logo
Marathon Special Produc...
3765 MARATHON-3765 Datasheet
138Kb / 1P
Terminal Block Accessories
More results

Similar Description - 37652

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC299-01677 YAMAICHI-IC299-01677 Datasheet
109Kb / 2P
HF Socket / Handler (Y Shaped SMT Contacts)
logo
List of Unclassifed Man...
39160 ETC2-39160 Datasheet
51Kb / 1P
Plastek Tek-Trays
logo
Silicon Laboratories
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
Highly configurable packet handler
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
Programmable packet handler
logo
Morse Mfg. Co., Inc.
290F MORSE-290F Datasheet
1Mb / 6P
Power Grip Fork Mount Drum Handler
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
logo
Renesas Technology Corp
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com