Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD848JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD848JRZ
Description  High Speed, Low Power Monolithic Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD848JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD848JRZ Datasheet HTML 1Page - Analog Devices AD848JRZ Datasheet HTML 2Page - Analog Devices AD848JRZ Datasheet HTML 3Page - Analog Devices AD848JRZ Datasheet HTML 4Page - Analog Devices AD848JRZ Datasheet HTML 5Page - Analog Devices AD848JRZ Datasheet HTML 6Page - Analog Devices AD848JRZ Datasheet HTML 7Page - Analog Devices AD848JRZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. B
–3–
AD849J
AD849A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE1
±5 V
0.3
1
0.1
0.75
mV
±15 V
0.3
1
0.1
0.75
mV
TMIN to TMAX
±5 V
1.3
1.0
mV
±15 V
1.3
1.0
mV
Offset Drift
±5 V, ±15 V
2
2
µV/°C
INPUT BIAS CURRENT
±5 V, ±15 V
3.3
6.6
3.3
6.6/5
µA
TMIN to TMAX
±5 V, ±15 V
7.2
7.5
µA
INPUT OFFSET CURRENT
±5 V, ±15 V
50
300
50
300
nA
TMIN to TMAX
±5 V, ±15 V
400
400
nA
Offset Current Drift
±5 V, ±15 V
0.3
0.3
nA/
°C
OPEN LOOP GAIN
VO =
±2.5 V
±5V
RLOAD = 500
Ω
30
50
30
50
V/mV
TMIN to TMAX
20
20/15
V/mV
RLOAD = 150 Ω
32
32
V/mV
VOUT = ± 10 V
±15 V
RLOAD = 1 kΩ
45
85
45
85
V/mV
TMIN to TMAX
30
30/25
V/mV
DYNAMIC PERFORMANCE
Gain Bandwidth
AVCL ≥ 25
±5 V
520
520
MHz
±15 V
725
725
MHz
Full Power Bandwidth2
VO = 2 V p-p,
RL = 500 Ω± 5 V
20
20
MHz
VO = 20 V p-p,
RL = 1 k
Ω±15 V
4.7
4.7
MHz
Slew Rate
±5 V
200
200
V/
µs
RLOAD = 1 kΩ± 15 V
225
300
225
300
V/
µs
Settling Time to 0.1%
–2.5 V to +2.5 V
±5 V
65
65
ns
10 V Step, AV = –24
±15 V
80
80
ns
Phase Margin
CLOAD = 10 pF
±15 V
RLOAD = 1 k
Ω
60
60
Degrees
DIFFERENTIAL GAIN
f = 4.4 MHz
±15 V
0.08
0.08
%
DIFFERENTIAL PHASE
f = 4.4 MHz
±15 V
0.04
0.04
Degrees
COMMON-MODE REJECTION
VCM = ± 2.5 V
±5 V
100
115
100
115
dB
VCM = ± 12 V
±15 V
100
115
100
115
dB
TMIN to TMAX
96
96
dB
POWER SUPPLY REJECTION
VS =
±4.5 V to ±18 V
98
120
98
120
dB
TMIN to TMAX
94
94
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±15 V
3
3
nV/
√Hz
INPUT CURRENT NOISE
f = 10 kHz
±15 V
1.5
1.5
pA/
√Hz
INPUT COMMON-MODE
VOLTAGE RANGE
±5 V
+4.3
+4.3
V
–3.4
–3.4
V
±15 V
+14.3
+14.3
V
–13.4
–13.4
V
OUTPUT VOLTAGE SWING
RLOAD = 500 Ω± 5 V
3.0
3.6
3.0
3.6
±V
RLOAD = 150 Ω± 5V
2.5
3
2.5
3
±V
RLOAD = 50
Ω±5 V
1.4
1.4
±V
RLOAD = 1 k
Ω±15 V
12
12
±V
RLOAD = 500 Ω± 15 V
10
10
±V
SHORT CIRCUIT CURRENT
±15 V
32
32
mA
INPUT RESISTANCE
25
25
k
Ω
INPUT CAPACITANCE
1.5
1.5
pF
OUTPUT RESISTANCE
Open Loop
15
15
Ω
POWER SUPPLY
Operating Range
4.5
18
4.5
18
V
Quiescent Current
±5 V
4.8
6.0
4.8
6.0
mA
TMIN to TMAX
7.4
7.4/8.3
mA
±15 V
5.1
6.8
5.1
6.8
mA
TMIN to TMAX
8.0
8.0/9.0
mA
NOTES
1Input offset voltage specifications are guaranteed after 5 minutes at T
A = +25°C.
2Full power bandwidth = slew rate/2
π V
PEAK. Refer to Figure 1.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. All others are guaranteed but not necessarily tested.
Specifications subject to change without notice.
AD848/AD849



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com