Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSDATA1 Datasheet(PDF) 19 Page - Analog Devices

Part # DSDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DSDATA1 Datasheet(HTML) 19 Page - Analog Devices

Back Button DSDATA1 Datasheet HTML 15Page - Analog Devices DSDATA1 Datasheet HTML 16Page - Analog Devices DSDATA1 Datasheet HTML 17Page - Analog Devices DSDATA1 Datasheet HTML 18Page - Analog Devices DSDATA1 Datasheet HTML 19Page - Analog Devices DSDATA1 Datasheet HTML 20Page - Analog Devices DSDATA1 Datasheet HTML 21Page - Analog Devices DSDATA1 Datasheet HTML 22Page - Analog Devices DSDATA1 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 19 of 32
DAISY-CHAIN MODE
The AD1939 also allows a daisy-chain configuration to expand
the system to 8 ADCs and 16 DACs (see Figure 18). In this
mode, the DBCLK frequency is 512 fS. The first eight slots of the
DAC TDM data stream belong to the first AD1939 in the chain
and the last eight slots belong to the second AD1939. The second
AD1939 is the device attached to the DSP TDM port.
To accommodate 16 channels at a 96 kHz sample rate, the
AD1939 can be configured into a dual-line, TDM mode as
shown in Figure 19. This mode allows a slower DBCLK than
normally required by the one-line TDM mode.
Again, the first four channels of each TDM input belong to the
first AD1939 in the chain and the last four channels belong to
the second AD1939.
The dual-line TDM mode can also be used to send data at a
192 kHz sample rate into the AD1939 as shown in Figure 20.
There are two configurations for the ADC port to work in
daisy-chain mode. The first one is with an ABCLK at 256 fS
shown in Figure 21. The second configuration is shown in
Figure 22. Note that in the 512 fS ABCLK mode, the ADC
channels occupy the first eight slots; the second eight slots are
empty. The TDM_IN of the first AD1939 must be grounded in
all modes of operation.
The I/O pins of the serial ports are defined according to the
serial mode selected. See Table 13 for a detailed description of
the function of each pin. See Figure 26 for a typical AD1939
configuration with two external stereo DACs and two external
stereo ADCs.
Figure 23 through Figure 25 show the serial mode formats. For
maximum flexibility, the polarity of LRCLK and BCLK are
programmable. In these figures, all of the clocks are shown with
their normal polarity. The default mode is I2S.
DLRCLK
DBCLK
8 DAC CHANNELS OF THE FIRST IC IN THE CHAIN
8 UNUSED SLOTS
8 DAC CHANNELS OF THE SECOND IC IN THE CHAIN
MSB
DSDATA1 (TDM_IN)
OF THE SECOND AD1939
DSDATA2 (TDM_OUT)
OF THE SECOND AD1939
THIS IS THE TDM
TO THE FIRST AD1939
DAC L1 DAC R1 DAC L2 DAC R2 DAC L3 DAC R3 DAC L4 DAC R4 DAC L1 DAC R1 DAC L2 DAC R2 DAC L3 DAC R3 DAC L4 DAC R4
DAC L1 DAC R1 DAC L2 DAC R2 DAC L3 DAC R3 DAC L4 DAC R4
32 BITS
DSP
SECOND
AD1939
FIRST
AD1939
Figure 18. Single-Line DAC TDM Daisy-Chain Mode (Applicable to 48 kHz Sample Rate, 16-Channel, Two-AD1939 Daisy Chain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com