Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6645 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices AD6645 Datasheet HTML 19Page - Analog Devices AD6645 Datasheet HTML 20Page - Analog Devices AD6645 Datasheet HTML 21Page - Analog Devices AD6645 Datasheet HTML 22Page - Analog Devices AD6645 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD6645
Rev. D | Page 19 of 24
LAYOUT INFORMATION
The schematic of the evaluation board (see Figure 43)
represents a typical implementation of the AD6645. A multi-
layer board is recommended to achieve best results. It is highly
recommended that high quality, ceramic chip capacitors be
used to decouple each supply pin to ground directly at the
device. The pinout of the AD6645 facilitates ease of use in the
implementation of high frequency, high resolution design practices.
All of the digital outputs are segregated to two sides of the chip,
with the inputs on the opposite side for isolation purposes.
Care should be taken when routing the digital output traces. To
prevent coupling through the digital outputs into the analog
portion of the AD6645, minimal capacitive loading should be
placed on these outputs. It is recommended that a fanout of
only one gate should be used for all AD6645 digital outputs.
The layout of the encode circuit is equally critical. Any noise
received on this circuitry results in corruption in the digitization
process and lower overall performance. The encode clock must be
isolated from the digital outputs and the analog inputs.
Table 8. Twos Complement Output Coding
AIN Level
AIN Level
Output State
Output Code
VREF + 0.55 V
VREF − 0.55 V
Positive FS
01 1111 1111 1111
VREF
VREF
Midscale
00 … 0/11 … 1
VREF − 0.55 V
VREF + 0.55 V
Negative FS
10 0000 0000 0000
JITTER CONSIDERATIONS
The SNR for an ADC can be predicted. When normalized to
ADC codes, the following equation accurately predicts the SNR
based on three terms: jitter, average DNL error, and thermal
noise. Each of these terms contributes to the noise within the
converter.
()
2
/
1
2
2
2
2
2
2
2
ε
1
2
log
20
76
.
1
⎥
⎥
⎦
⎤
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
+
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛ +
+
×
×
π
−
=
n
rms
NOISE
n
rms
j
ANALOG
V
t
f
SNR
where:
fANALOG is the analog input frequency.
tj rms is the rms jitter of the encode (rms sum of encode source
and internal encode circuitry).
ε is the average DNL of the ADC (typically 0.41 LSB).
n is the number of bits in the ADC.
VNOISE rms is the voltage rms thermal noise that refers to the
analog input of the ADC (typically 0.9 LSB rms).
For a 14-bit ADC, such as the AD6645, aperture jitter can
greatly affect the SNR performance as the analog frequency is
increased. Figure 42 shows a family of curves that demonstrate the
expected SNR performance of the AD6645 as jitter increases.
The chart is derived from the preceding equation.
For a complete discussion of aperture jitter, see the AN-756
application note, Sampled Systems and the Effects of Clock Phase
Noise and Jitter. The AN-756 application note can be found on
www.analog.com.
JITTER (ps)
55
60
65
70
75
80
AIN = 110MHz
AIN = 150MHz
AIN = 190MHz
AIN = 30MHz
AIN = 70MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
Figure 42. SNR vs. Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com