Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7396 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7396
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7396 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7396 Datasheet HTML 3Page - Analog Devices AD7396 Datasheet HTML 4Page - Analog Devices AD7396 Datasheet HTML 5Page - Analog Devices AD7396 Datasheet HTML 6Page - Analog Devices AD7396 Datasheet HTML 7Page - Analog Devices AD7396 Datasheet HTML 8Page - Analog Devices AD7396 Datasheet HTML 9Page - Analog Devices AD7396 Datasheet HTML 10Page - Analog Devices AD7396 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7396/AD7397
–7–
REV. 0
CODE – Decimal
1.5
0
1.0
0.5
0.0
–0.5
–1.0
–1.5
512 1024 1536 2048 2560 3072 3584 4096
VDD = +3V
VREF = +2.5V
TA = +25 C, +85 C
TA = –55 C
AD7396
Figure 4. AD7396 INL vs. Code and
Temperature
CODE – Decimal
1.0
0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
128
256
384 512
640
768
896 1024
VDD = +2.7V
VREF = +2.5V
TA = +25 C, +85 C, –55 C
SUPERIMPOSED
AD7397
Figure 7. AD7397 DNL vs. Code and
Temperature
VREF – Volts
1.5
0
1.0
0.5
0
–0.5
–1.0
–1.5
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VDD = +5V
TA = +25 C
CODE = HALF SCALE
Figure 10. INL Error vs. Reference
Voltage
Typical Performance Characteristics–
CODE – Decimal
1.0
0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
128
256
384
512
640
768
896 1024
TA = +25 C, +85 C
TA = –55 C
VDD = +2.7V
VREF = +2.5V
AD7397
Figure 5. AD7397 INL vs. Code and
Temperature
FULL-SCALE OUTPUT TEMPCO
HISTOGRAM – ppm/ C
60
–55
–50
–45
–40
40
20
0
–35
–30
SS = 200 UNITS
VDD = +2.7V
VREF = +2.5V
TA = –40 C TO +85 C
AD7396
Figure 8. AD7396 Full-Scale Tempco
Histogram
VREF – V
40
20
–40
01
5
23
4
0
–20
40
20
0
–20
–40
VDD = +5V
TA = +25 C
FSE (LSB) = FSE (V)
4096/VREF (V)
AD7396
Figure 11. Full-Scale Error vs. Refer-
ence Voltage
TOTAL UNADJUSTED ERROR
HISTOGRAM – LSB
30
–5
0
510
20
10
0
SS = 200 UNITS
TA = +25 C
VDD = +2.7V
VREF = +2.5V
AD7397
Figure 6. AD7397 TUE Histogram
SS = 200 UNITS
VDD = +2.7V
VREF = +2.5V
TA = –40 C TO +85 C
FULL-SCALE TEMPCO – ppm/ C
100
40
20
0
–70
–60
–50
–40
–30
AD7397
60
80
Figure 9. AD7397 Full-Scale Tempco
Histogram
FREQUENCY – Hz
10
1
8
6
4
2
0
10
100
1k
10k
100k
VDD = +5V
VREF = +2.5V
TA = +25 C
Figure 12. Output Noise Voltage
Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com