Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 31Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 31 of 40
RESET1_EVENT_B Register 0x2A
Table 50. RESET1_EVENT_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
RESET1_EVENT_B_LEVEL
Read/write
Defines which level the second reset event should be to generate the RESET1
signal. Refer to Table 49.
6 to 0
RESET1_EVENT_B[6:0]
Read/write
Defines an event that can be used to generate the RESET1 signal. Refer to Table 11.
RESET1_EVENT_C Register 0x2B
Table 51. RESET1_EVENT_C Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
RESET1_EVENT_C_LEVEL
Read/write
Defines which level the second reset event should be to generate the RESET1
signal. Refer to Table 49.
6 to 0
RESET1_EVENT_C[6:0]
Read/write
Defines an event that can be used to generate the RESET1 signal. Refer to Table 11.
RESET2_EVENT_A Register 0x2C
Table 52. RESET2_EVENT_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
RESET2_EVENT_A_LEVEL
Read/write
Defines which level the first reset event should be to generate the RESET2 signal.
For key events, use the following settings:
0 = not applicable; releases not used for reset generation.
1 = press is used as reset event.
For GPIs and logic outputs configured for FIFO updates, use the following settings:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
6 to 0
RESET2_EVENT_A[6:0]
Read/write
Defines an event that can be used to generate the RESET2 signal. Up to two events
can be defined for generating the RESET2 signal, using RESET2_EVENT_A[6:0], and
RESET2_EVENT_B[6:0]. If one of the registers is 0, that register is not used for reset
generation. All reset events must be detected at the same time to trigger the reset.
RESET2_EVENT_B Register 0x2D
Table 53. RESET2_EVENT_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
RESET2_EVENT_B_LEVEL
Read/write
Defines which level the second reset event should be to generate the RESET2
signal. Refer to Table 52.
6 to 0
RESET2_EVENT_B[6:0]
Read/write
Defines an event that can be used to generate the RESET2 signal. Refer to Table 11.
RESET_CFG Register 0x2E
Table 54. RESET_CFG Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
RESET2_POL
Read/write
Sets the polarity of RESET2.
0 = RESET2 is active low.
1 = RESET2 is active high.
6
RESET1_POL
Read/write
Sets the polarity of RESET1.
0 = RESET1 is active low.
1 = RESET1 is active high.
5
RST_PASSTHRU_EN
Read/write
Allows the RST pin to override (OR with) the RESET1signal. This function not
applicable to RESET2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com