Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8002 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8002 Datasheet HTML 5Page - Analog Devices AD8002 Datasheet HTML 6Page - Analog Devices AD8002 Datasheet HTML 7Page - Analog Devices AD8002 Datasheet HTML 8Page - Analog Devices AD8002 Datasheet HTML 9Page - Analog Devices AD8002 Datasheet HTML 10Page - Analog Devices AD8002 Datasheet HTML 11Page - Analog Devices AD8002 Datasheet HTML 12Page - Analog Devices AD8002 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
REV. D
AD8002
–8–
120
75
125
85
80
–35
–55
90
95
100
105
110
115
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
|SINK ISC|
SOURCE ISC
70
TPC 25. Short Circuit Current vs. Temperature
100
10
1
10
100
100k
10k
1k
FREQUENCY – Hz
100
10
1
INVERTING CURRENT VS = 5V
NONINVERTING CURRENT VS = 5V
VOLTAGE NOISE VS = 5V
TPC 26. Noise vs. Frequency
–48
–56
–54
–55
–52
–53
–51
–50
–49
125
–35
–55
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
–CMRR
+CMRR
TPC 27. CMRR vs. Temperature
FREQUENCY – Hz
1
10k
100k
1G
100M
10M
1M
10
100
0.01
0.1
RF = 750
RC = 75
VS = 5.0V
POWER = 0dBm
(223.6mVrms)
G = +2
RbT = 0
RbT = 50
TPC 28. Output Resistance vs. Frequency
1
–4
–9
1M
10M
1G
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
0
–0.1
–0.2
–0.3
0.1
0.2
–3dB BANDWIDTH
0.1dB FLATNESS
SIDE 1
SIDE 1
SIDE 2
SIDE 2
VS = 5V
VIN = 50mV
G = –1
RL = 100
RF = 549
TPC 29. –3 dB Bandwidth vs. Frequency, G = –1
–50.0
–72.5
125
–67.5
–70.0
–35
–55
–65.0
–62.5
–60.0
–57.5
–55.0
–52.5
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE – C
–75.0
–PSRR
+PSRR
2V SPAN
CURVES ARE FOR WORST-
CASE CONDITION WHERE
ONE SUPPLY IS VARIED
WHILE THE OTHER IS
HELD CONSTANT.
TPC 30. PSRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com