Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8002ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8002ARM
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8002ARM Datasheet HTML 6Page - Analog Devices AD8002ARM Datasheet HTML 7Page - Analog Devices AD8002ARM Datasheet HTML 8Page - Analog Devices AD8002ARM Datasheet HTML 9Page - Analog Devices AD8002ARM Datasheet HTML 10Page - Analog Devices AD8002ARM Datasheet HTML 11Page - Analog Devices AD8002ARM Datasheet HTML 12Page - Analog Devices AD8002ARM Datasheet HTML 13Page - Analog Devices AD8002ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
REV. D
AD8002
–9–
100M
10M
1M
FREQUENCY – Hz
–40
–30
1G
–50
–60
–20
–10
0
604
VIN
154
154
604
50
57.6
–5V
0.1 F
VS = 5.0V
RL = 100
VIN = 200mV
SIDE 1
SIDE 2
TPC 31. CMRR vs. Frequency
G = –1
RF = 576
RG = 576
RC = 50
5ns
400mV
SIDE 1
SIDE 2
TPC 32. 2 V Step Response, G = –1
54.9
50
50
576
576
G = –1
RF = 576
RG = 576
RC = 50
RL = 100
5ns
20mV
SIDE 1
SIDE 2
TPC 33. 100 mV Step Response, G = –1
–20
–50
100k
1M
10M
–40
–30
–10
FREQUENCY – Hz
–90
–80
–70
–60
100M
0
30k
500M
+PSRR
–PSRR
VIN = 200mV
G = +2
TPC 34. PSRR vs. Frequency
G = –2
2V STEP
RF = 549
5ns
400mV
SIDE 1
SIDE 2
TPC 35. 2 V Step Response, G = –2
61.9
50
50
549
274
G = –1
100mV STEP
RF = 549
5ns
20mV
SIDE 1
SIDE 2
TPC 36. 100 mV Step Response, G = –2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com