Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZP4729A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MZP4729A
Description  3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MZP4729A Datasheet(HTML) 3 Page - ON Semiconductor

  MZP4729A Datasheet HTML 1Page - ON Semiconductor MZP4729A Datasheet HTML 2Page - ON Semiconductor MZP4729A Datasheet HTML 3Page - ON Semiconductor MZP4729A Datasheet HTML 4Page - ON Semiconductor MZP4729A Datasheet HTML 5Page - ON Semiconductor MZP4729A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MZP4729A Series
http://onsemi.com
3
Figure 1. Power Temperature Derating Curve
TL, LEAD TEMPERATURE (°C)
0
20
40
60
200
80
100
120
140
160
180
0
1
2
3
4
5
L = 1/8
″
L = 3/8
″
L = 1
″
L = LEAD LENGTH
TO HEAT SINK
t, TIME (SECONDS)
0.0001 0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.3
0.5
0.7
1
2
3
5
7
10
20
30
D =0.5
0.2
0.1
0.05
0.01
D = 0
DUTY CYCLE, D =t1/t2
PPK
t1
NOTE: BELOW 0.1 SECOND, THERMAL
RESPONSE CURVE IS APPLICABLE
TO ANY LEAD LENGTH (L).
SINGLE PULSE
DTJL = qJL (t)PPK
REPETITIVE PULSES
DTJL = qJL (t,D)PPK
t2
0.02
10
20
30
50
100
200
300
500
1K
0.1
0.2 0.3 0.5
1
2
3
5
10
20 30 50
100
PW, PULSE WIDTH (ms)
1
2
5
10
20
50
100
200
400
1000
0.0003
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
3
TA = 125°C
TA = 125°C
NOMINAL VZ (VOLTS)
Figure 2. Typical Thermal Response L, Lead Length = 3/8 Inch
Figure 3. Maximum Surge Power
Figure 4. Typical Reverse Leakage
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ =25°C PRIOR
TO INITIAL PULSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com