Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8346 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 3 Page - Analog Devices

  AD8346 Datasheet HTML 1Page - Analog Devices AD8346 Datasheet HTML 2Page - Analog Devices AD8346 Datasheet HTML 3Page - Analog Devices AD8346 Datasheet HTML 4Page - Analog Devices AD8346 Datasheet HTML 5Page - Analog Devices AD8346 Datasheet HTML 6Page - Analog Devices AD8346 Datasheet HTML 7Page - Analog Devices AD8346 Datasheet HTML 8Page - Analog Devices AD8346 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8346
Rev. A | Page 3 of 20
SPECIFICATIONS
VS = 5 V; TA = 25°C; LO frequency = 1900 MHz; LO level = –10 dBm; BB frequency = 100 kHz; BB inputs are dc-biased to 1.2 V; BB input
level = 1.0 V p-p each pin for 2.0 V p-p differential drive; LO source and RF output load impedances are 50 Ω, dBm units are referenced
to 50 Ω unless otherwise noted.
Table 1.
Parameters
Conditions
Min
Typ
Max
Unit
RF OUTPUT
Operating Frequency
0.8
2.5
GHz
Quadrature Phase Error
See Figure 35 for setup
1
Degree rms
I/Q Amplitude Balance
See Figure 35 for setup
0.2
dB
Output Power
I and Q channels in quadrature
−13
−10
−6
dBm
Output VSWR
1.25:1
Output P1 dB
−3
dBm
Carrier Feedthrough
−42
−35
dBm
Sideband Suppression
−36
−25
dBc
IM3 Suppression
−60
dBc
Equivalent Output IP3
20
dBm
Output Noise Floor
20 MHz offset from LO
−147
dBm/Hz
RESPONSE TO CDMA IS95 BASEBAND SIGNALS
ACPR (Adjacent Channel Power Ratio)
See Figure 35 for setup
−72
dBc
EVM (Error Vector Magnitude)
See Figure 35 for setup
2.5
%
Rho (Waveform Quality Factor)
See Figure 35 for setup
0.9974
MODULATION INPUT
Input Resistance
12
Modulation Bandwidth
−3 dB
70
MHz
LO INPUT
LO Drive Level
−12
−6
dBm
Input VSWR
1.9:1
ENABLE
ENBL HI Threshold
2.0
V
ENBL LO Threshold
0.5
V
ENBL Turn-On Time
Settle to within 0.5 dB of final SSB
output power
2.5
μs
ENBL Turn-Off Time
Time for supply current to drop below
2 mA
12
μs
POWER SUPPLIES
Voltage
2.7
5.5
V
Current Active (ENBL HI)
35
45
55
mA
Current Standby (ENBL LO)
1
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com