Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9266-80EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9266-80EBZ
Description  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-80EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9266-80EBZ Datasheet HTML 15Page - Analog Devices AD9266-80EBZ Datasheet HTML 16Page - Analog Devices AD9266-80EBZ Datasheet HTML 17Page - Analog Devices AD9266-80EBZ Datasheet HTML 18Page - Analog Devices AD9266-80EBZ Datasheet HTML 19Page - Analog Devices AD9266-80EBZ Datasheet HTML 20Page - Analog Devices AD9266-80EBZ Datasheet HTML 21Page - Analog Devices AD9266-80EBZ Datasheet HTML 22Page - Analog Devices AD9266-80EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD9266
Rev. A | Page 19 of 32
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9266. The VREF can be configured using either the internal
1.0 V reference or an externally applied 1.0 V reference voltage.
The various reference modes are summarized in the sections that
follow. The Reference Decoupling section describes the best
practices for PCB layout of VREF.
Internal Reference Connection
A comparator within the AD9266 detects the potential at the
SENSE pin and configures the reference into two possible modes,
which are summarized in Table 10. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 42), setting VREF to 1.0 V.
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–
VIN+
ADC
CORE
Figure 42. Internal Reference Configuration
If the internal reference of the AD9266 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 43 shows
how the internal reference voltage is affected by loading.
0
–3.0
0
2.0
LOAD CURRENT (mA)
–0.5
–1.0
–1.5
–2.0
–2.5
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
INTERNAL VREF = 0.995V
Figure 43. VREF Accuracy vs. Load Current
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 44 shows the typical drift characteristics of the
internal reference in 1.0 V mode.
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VREF ERROR (mV)
Figure 44. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7.5 kΩ load (see Figure 28). The internal buffer generates the posi-
tive and negative full-scale references for the ADC core. Therefore,
the external reference must be limited to a maximum of 1.0 V.
Table 10. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting VREF (V)
Resulting Differential Span (V p-p)
Fixed Internal Reference
AGND to 0.2
1.0 internal
2.0
Fixed External Reference
AVDD
1.0 applied to external VREF pin
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com