Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8629ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8629ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8629ARMZ Datasheet HTML 16Page - Analog Devices AD8629ARMZ Datasheet HTML 17Page - Analog Devices AD8629ARMZ Datasheet HTML 18Page - Analog Devices AD8629ARMZ Datasheet HTML 19Page - Analog Devices AD8629ARMZ Datasheet HTML 20Page - Analog Devices AD8629ARMZ Datasheet HTML 21Page - Analog Devices AD8629ARMZ Datasheet HTML 22Page - Analog Devices AD8629ARMZ Datasheet HTML 23Page - Analog Devices AD8629ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 21 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8628AUJ-REEL
−40°C to +125°C
5-Lead TSOT
UJ-5
AYB
AD8628AUJ-REEL7
−40°C to +125°C
5-Lead TSOT
UJ-5
AYB
AD8628AUJZ-R2
−40°C to +125°C
5-Lead TSOT
UJ-5
A0L
AD8628AUJZ-REEL
−40°C to +125°C
5-Lead TSOT
UJ-5
A0L
AD8628AUJZ-REEL7
−40°C to +125°C
5-Lead TSOT
UJ-5
A0L
AD8628ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ARTZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0L
AD8628ARTZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0L
AD8628WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
A0L
AD8628WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
A0L
AD8628WARTZ-RL
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0L
AD8628WARTZ-R7
−40°C to +125°C
5-Lead SOT-23
RJ-5
A0L
AD8628WAUJZ-RL
−40°C to +125°C
5-Lead TSOT
UJ-5
A0L
AD8628WAUJZ-R7
−40°C to +125°C
5-Lead TSOT
UJ-5
A0L
AD8629ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A06
AD8629ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A06
AD8629WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8630ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8630ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8630ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8630ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8630ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8630WARZ-RL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8630WARZ-R7
−40°C to +125°C
14-Lead SOIC_N
R-14
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8628W/AD8629W/AD8630W models are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial
models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product
ordering information and to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com