Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7105ACPZ-3.3-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7105ACPZ-3.3-R7
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105ACPZ-3.3-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7105ACPZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 14Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 15Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP7105ACPZ-3.3-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP7105
Data Sheet
Rev. 0 | Page 14 of 28
Figure 47. Power Supply Rejection Ratio vs. Headroom Voltage, 10 kHz,
VOUT = 5 V
Figure 48. Power Supply Rejection Ratio vs. Headroom Voltage, 100 kHz,
VOUT = 5 V
Figure 49. Output Noise vs. Load Current and Output Voltage,
COUT = 1 μF
Figure 50. Output Noise Spectral Density, ILOAD = 10 mA, COUT = 1 μF
Figure 51. Load Transient Response, CIN = COUT = 1 μF, ILOAD = 1 mA to
500 mA, VOUT = 1.8 V, VIN = 5 V
Figure 52. Load Transient Response, CIN = COUT = 1 μF, ILOAD = 1 mA to
500 mA, VOUT = 3.3 V, VIN = 5 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.25
0.50
0.75
1.00
1.25
1.50
HEADROOM VOLTAGE (V)
LOAD = 500mA
LOAD = 300mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.25
0.50
0.75
1.00
1.25
1.50
HEADROOM VOLTAGE (V)
LOAD = 500mA
LOAD = 300mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
5
0
10
15
20
25
30
0.01
0.001
0.0001
0.00001
0.1
1
ILOAD (A)
3.3V
1.8V
5V
5VADJ
5VADJ NR
FREQUENCY (Hz)
0.01
0.1
1
10
10
100
1k
10k
100k
3.3V
5V
5VADJ
5VADJ NR
CH2 50mV
CH1 500mA
M 20µs
A CH1
270mA
1
2
T 10%
LOAD CURRENT
OUTPUT VOLTAGE
B
W
B
W
CH2 50mV
CH1 500mA
M 20µs
A CH1
280mA
1
2
T 10.2%
LOAD CURRENT
OUTPUT VOLTAGE
B
W
B
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com