Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7105ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP7105ACPZ-R2
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP7105ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADP7105ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP7105
Rev. 0 | Page 17 of 28
THEORY OF OPERATION
The ADP7105 is a low quiescent current, LDO linear regulator
that operates from 3.3 V to 20 V and provides up to 500 mA of
output current. The ADP7105 draws a low 900 µA of quiescent
current (typical) at full load, making it ideal for battery-operated
portable equipment. Typical shutdown current consumption is
40 μA at room temperature.
Optimized for use with small 1 µF ceramic capacitors, the
ADP7105 provides excellent transient performance.
Figure 60. Fixed Output Voltage Internal Block Diagram
Figure 61. Adjustable Output Voltage Internal Block Diagram
Internally, the ADP7105 consists of a reference, an error
amplifier, a feedback voltage divider, and a PMOS pass
transistor. Output current is delivered via the PMOS pass
device, which is controlled by the error amplifier. The error
amplifier compares the reference voltage with the feedback
voltage from the output and amplifies the difference. If the
feedback voltage is lower than the reference voltage, the gate
of the PMOS device is pulled lower, allowing more current to
pass and increasing the output voltage. If the feedback voltage
is higher than the reference voltage, the gate of the PMOS
device is pulled higher, allowing less current to pass and
decreasing the output voltage.
The ADP7105 is available in three fixed output voltage options,
1.8 V, 3.3 V, and 5 V, and in an adjustable version with an output
voltage that can be set from 1.22 V to 19 V by an external
voltage divider. The output voltage can be set according to the
following equation:
VOUT = 1.22 V(1 + R1/R2)
Figure 62. Typical Adjustable Output Voltage Application Schematic
Ensure that the value of R2 is less than 200 kΩ to minimize
errors in the output voltage caused by the ADJ input current.
For example, when R1 and R2 each equal 200 kΩ, the output
voltage is 2.46 V. The output voltage error introduced by the
ADJ input current is 2 mV or 0.08%, assuming a typical ADJ
input current of 10 nA at 25°C.
The ADP7105 uses the EN/UVLO pin to enable and disable
the VOUT pin under normal operating conditions. When
EN/UVLO is high, VOUT turns on; when EN/UVLO is low,
VOUT turns off. For automatic startup, EN/UVLO can be tied
to VIN.
The ADP7105 incorporates reverse current protection circuitry
that prevents current flow backwards through the pass element
when the output voltage is greater than the input voltage. A
comparator senses the difference between the input and output
voltages. When the difference between the input voltage and
output voltage exceeds 55 mV, the body of the PFET is switched
to VOUT and turned off or opened. In other words, the gate is
connected to VOUT.
SHUTDOWN
VIN
GND
EN/
UVLO
VOUT
R1
R2
1.22V
REFERENCE
VREG
PGOOD
PG
SENSE
SS
SHORT-CIRCUIT,
THERMAL
PROTECT
9.8µA
SHUTDOWN
VIN
GND
EN/
UVLO
VOUT
R2
1.22V
REFERENCE
VREG
PGOOD
PG
ADJ
SHORT-CIRCUIT,
THERMAL
PROTECT
9.8µA
SS
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
RPG
100kΩ
R4
100k
R3
100k
COUT
1µF
CIN
1µF
ON
OFF
R2
13kΩ
+
+
R1
40.2kΩ
SS
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com