Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM812RART Datasheet(PDF) 4 Page - Analog Devices

Part # ADM812RART
Description  Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM812RART Datasheet(HTML) 4 Page - Analog Devices

  ADM812RART Datasheet HTML 1Page - Analog Devices ADM812RART Datasheet HTML 2Page - Analog Devices ADM812RART Datasheet HTML 3Page - Analog Devices ADM812RART Datasheet HTML 4Page - Analog Devices ADM812RART Datasheet HTML 5Page - Analog Devices ADM812RART Datasheet HTML 6Page - Analog Devices ADM812RART Datasheet HTML 7Page - Analog Devices ADM812RART Datasheet HTML 8Page - Analog Devices ADM812RART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM811/ADM812
Data Sheet
Rev. G | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Typical values are at TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
Terminal Voltage (With Respect to Ground)
VCC
−0.3 V to +6 V
All Other Inputs
−0.3 V to VCC + 0.3 V
Input Current
VCC
20 mA
MR
20 mA
Output Current
RESET
20 mA
Power Dissipation (TA = 70°C)
RA-4 (SOT-143)
200 mW
Derate by 4 mW/°C Above 70°C
θJA Thermal Impedance
330°C/W
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +160°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Rating
3 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com