Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4498 Datasheet(PDF) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4498
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4498 Datasheet(HTML) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4498 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4498 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4498 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4498 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4498 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4498 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AO4498
Symbol
Min
Typ
Max
Units
BVDSS
30
36.5
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.5
V
ID(ON)
140
A
4.6
5.5
TJ=125°C
6.6
8
6
7.5
m
Ω
gFS
53
S
VSD
0.7
1
V
IS
4
A
Ciss
1910
2300
pF
Coss
316
pF
Crss
227
pF
Rg
0.7
1.4
2.1
Ω
Qg(10V)
37
44.5
nC
Qg(4.5V)
18
nC
Qgs
4.8
nC
Qgd
11
nC
tD(on)
8.1
ns
tr
8.6
ns
tD(off)
29
ns
tf
8
ns
trr
14
17
ns
Qrr
40
nC
Rev 1 : Nov. 2010
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=18A
Reverse Transfer Capacitance
IF=18A, dI/dt=500A/µs
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=18A
VGS=4.5V, ID=16A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=15V, ID=18A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Charge IF=18A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.83Ω,
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialTJ=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in
2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
万和兴电子有限公司 www.whxpcb.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com