Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDZJ11B Datasheet(PDF) 3 Page - Formosa MS

Part # GDZJ11B
Description  Zener diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GDZJ11B Datasheet(HTML) 3 Page - Formosa MS

  GDZJ11B Datasheet HTML 1Page - Formosa MS GDZJ11B Datasheet HTML 2Page - Formosa MS GDZJ11B Datasheet HTML 3Page - Formosa MS GDZJ11B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @I ZT
ZZK @I ZK
IR @VR
V
.
m
o
NV
.
n
i
MV
.
x
a
M
Ω
A
m
Ω
A
m
μA
V
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
A
2
1
J
Z
D
G2
13
1
.
1
11
7
.
1
10
35
0
1
15
.
02
.
09
A
2
1
Z
B
2
1
J
Z
D
G2
14
4
.
1
13
0
.
2
10
35
0
1
15
.
02
.
09
B
2
1
Z
C
2
1
J
Z
D
G2
14
7
.
1
15
3
.
2
10
35
0
1
15
.
02
.
09
C
2
1
Z
A
3
1
J
Z
D
G3
11
1
.
2
15
7
.
2
15
35
0
1
15
.
02
.
00
1A
3
1
Z
B
3
1
J
Z
D
G3
15
5
.
2
11
2
.
3
15
35
0
1
15
.
02
.
00
1B
3
1
Z
C
3
1
J
Z
D
G3
19
9
.
2
16
6
.
3
15
35
0
1
15
.
02
.
00
1C
3
1
Z
A
5
1
J
Z
D
G5
14
4
.
3
13
1
.
4
10
45
0
1
15
.
02
.
01
1A
5
1
Z
B
5
1
J
Z
D
G5
19
8
.
3
12
6
.
4
10
45
0
1
15
.
02
.
01
1B
5
1
Z
C
5
1
J
Z
D
G5
15
3
.
4
19
0
.
5
10
45
0
1
15
.
02
.
01
1C
5
1
Z
A
6
1
J
Z
D
G6
18
.
4
17
5
.
5
10
45
0
5
15
.
02
.
02
1A
6
1
Z
B
6
1
J
Z
D
G6
15
2
.
5
14
0
.
6
10
45
0
5
15
.
02
.
02
1B
6
1
Z
C
6
1
J
Z
D
G6
19
6
.
5
11
5
.
6
10
45
0
5
15
.
02
.
02
1C
6
1
Z
A
8
1
J
Z
D
G8
12
2
.
6
16
0
.
7
15
45
0
5
15
.
02
.
03
1A
8
1
Z
B
8
1
J
Z
D
G8
12
8
.
6
17
.
7
15
45
0
5
15
.
02
.
03
1B
8
1
Z
C
8
1
J
Z
D
G8
12
4
.
7
13
3
.
8
15
45
0
5
15
.
02
.
03
1C
8
1
Z
A
0
2
J
Z
D
G0
22
0
.
8
16
9
.
8
15
55
0
0
25
.
02
.
05
1A
0
2
Z
B
0
2
J
Z
D
G0
23
6
.
8
19
5
.
9
15
55
0
0
25
.
02
.
05
1B
0
2
Z
C
0
2
J
Z
D
G0
23
2
.
9
12
2
.
0
25
55
0
0
25
.
02
.
05
1C
0
2
Z
D
0
2
J
Z
D
G0
22
7
.
9
12
7
.
0
25
55
0
0
25
.
02
.
05
1D
0
2
Z
A
2
2
J
Z
D
G2
25
1
.
0
22
.
1
20
35
0
0
25
.
02
.
07
1A
2
2
Z
B
2
2
J
Z
D
G2
24
6
.
0
21
7
.
1
20
35
0
0
25
.
02
.
07
1B
2
2
Z
C
2
2
J
Z
D
G2
28
0
.
1
27
1
.
2
20
35
0
0
25
.
02
.
07
1C
2
2
Z
D
2
2
J
Z
D
G2
22
5
.
1
23
6
.
2
20
35
0
0
25
.
02
.
07
1D
2
2
Z
A
4
2
J
Z
D
G4
25
0
.
2
28
1
.
3
25
35
0
0
25
.
02
.
09
1A
4
2
Z
B
4
2
J
Z
D
G4
21
6
.
2
27
7
.
3
25
35
0
0
25
.
02
.
09
1B
4
2
Z
C
4
2
J
Z
D
G4
22
1
.
3
21
3
.
4
25
35
0
0
25
.
02
.
09
1C
4
2
Z
D
4
2
J
Z
D
G4
23
6
.
3
25
8
.
4
25
35
0
0
25
.
02
.
09
1D
4
2
Z
A
7
2
J
Z
D
G7
26
2
.
4
22
5
.
5
25
45
0
5
25
.
02
.
01
2A
7
2
Z
B
7
2
J
Z
D
G7
27
9
.
4
26
2
.
6
25
45
0
5
25
.
02
.
01
2B
7
2
Z
C
7
2
J
Z
D
G7
23
6
.
5
25
9
.
6
25
45
0
5
25
.
02
.
01
2C
7
2
Z
D
7
2
J
Z
D
G7
29
2
.
6
24
6
.
7
25
45
0
5
25
.
02
.
01
2D
7
2
Z
A
0
3
J
Z
D
G0
39
9
.
6
29
3
.
8
25
55
0
5
25
.
02
.
03
2A
0
3
Z
B
0
3
J
Z
D
G0
37
.
7
23
1
.
9
25
55
0
5
25
.
02
.
03
2B
0
3
Z
C
0
3
J
Z
D
G0
36
3
.
8
22
8
.
9
25
55
0
5
25
.
02
.
03
2C
0
3
Z
D
0
3
J
Z
D
G0
32
0
.
9
21
5
.
0
35
55
0
5
25
.
02
.
03
2D
0
3
Z
A
3
3
J
Z
D
G3
38
6
.
9
22
2
.
1
35
65
0
5
25
.
02
.
05
2A
3
3
Z
B
3
3
J
Z
D
G3
32
3
.
0
38
8
.
1
35
65
0
5
25
.
02
.
05
2B
3
3
Z
C
3
3
J
Z
D
G3
30
9
.
0
35
.
2
35
65
0
5
25
.
02
.
05
2C
3
3
Z
D
3
3
J
Z
D
G3
39
4
.
1
31
1
.
3
35
65
0
5
25
.
02
.
05
2D
3
3
Z
A
6
3
J
Z
D
G6
34
1
.
2
39
7
.
3
35
75
0
5
25
.
02
.
07
2A
6
3
Z
B
6
3
J
Z
D
G6
39
7
.
2
39
4
.
4
35
75
0
5
25
.
02
.
07
2B
6
3
Z
C
6
3
J
Z
D
G6
34
.
3
33
1
.
5
35
75
0
5
25
.
02
.
07
2C
6
3
Z
D
6
3
J
Z
D
G6
31
0
.
4
37
7
.
5
35
75
0
5
25
.
02
.
07
2D
6
3
Z
A
9
3
J
Z
D
G9
38
6
.
4
37
4
.
6
35
85
0
5
25
.
02
.
00
3A
9
3
Z
B
9
3
J
Z
D
G9
36
3
.
5
39
1
.
7
35
85
0
5
25
.
02
.
00
3B
9
3
Z
C
9
3
J
Z
D
G9
36
35
8
.
7
35
85
0
5
25
.
02
.
00
3C
9
3
Z
D
9
3
J
Z
D
G9
33
6
.
6
32
5
.
8
35
85
0
5
25
.
02
.
00
3D
9
3
Z
3
4
J
Z
D
G3
40
45
40
95
-
-
2
.
03
33
4
Z
7
4
J
Z
D
G7
44
49
40
95
-
-
2
.
06
37
4
Z
1
5
J
Z
D
G1
58
44
50
1
15
-
-
2
.
09
31
5
Z
6
5
J
Z
D
G6
53
50
60
1
15
-
-
2
.
03
46
5
Z
Zener diode
GDZJ2.0 Thru GDZJ56
Formosa MS
Page 3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221954
2009/08/10
2011/08/12
B
4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com