Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652JPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD652JPZ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652JPZ Datasheet(HTML) 1 Page - Analog Devices

  AD652JPZ Datasheet HTML 1Page - Analog Devices AD652JPZ Datasheet HTML 2Page - Analog Devices AD652JPZ Datasheet HTML 3Page - Analog Devices AD652JPZ Datasheet HTML 4Page - Analog Devices AD652JPZ Datasheet HTML 5Page - Analog Devices AD652JPZ Datasheet HTML 6Page - Analog Devices AD652JPZ Datasheet HTML 7Page - Analog Devices AD652JPZ Datasheet HTML 8Page - Analog Devices AD652JPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Monolithic Synchronous
Voltage-to-Frequency Converter
AD652
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Full-scale frequency (up to 2 MHz) set by external system
clock
Extremely low linearity error (0.005% max at 1 MHz FS,
0.02% max at 2 MHz FS)
No critical external components required
Accurate 5 V reference voltage
Low drift (25 ppm/°C max)
Dual- or single-supply operation
Voltage or current input
MIL-STD-883 compliant versions available
PRODUCT DESCRIPTION
The AD652 synchronous voltage-to-frequency converter
(SVFC) is a powerful building block for precision analog-to-
digital conversion, offering typical nonlinearity of 0.002%
(0.005% maximum) at a 100 kHz output frequency. The inher-
ent monotonicity of the transfer function and wide range of
clock frequencies allow the conversion time and resolution to
be optimized for specific applications.
The AD652 uses a variation of the charge-balancing technique
to perform the conversion function. The AD652 uses an
external clock to define the full-scale output frequency, rather
than relying on the stability of an external capacitor. The result
is a more stable, more linear transfer function, with significant
application benefits in both single- and multichannel systems.
Gain drift is minimized using a precision low drift reference
and low TC, on-chip, thin-film scaling resistors. Furthermore,
initial gain error is reduced to less than 0.5% by the use of laser-
wafer-trimming.
The analog and digital sections of the AD652 have been
designed to allow operation from a single-ended power source,
simplifying its use with isolated power supplies.
The AD652 is available in five performance grades. The 20-lead
PLCC-packaged JP and KP grades are specified for operation
over the 0°C to +70°C commercial temperature range. The
16-lead CERDIP-packaged AQ and BQ grades are specified for
operation over the −40°C to +85°C industrial temperature
range. The AD652SQ is available for operation over the full
−55°C to +125°C extended temperature range.
PRODUCT HIGHLIGHTS
1. The use of an external clock to set the full-scale frequency
allows the AD652 to achieve linearity and stability far
superior to other monolithic VFCs. By using the same clock
to drive the AD652 and set the counting period (through a
suitable divider), conversion accuracy is maintained
independent of variations in clock frequency.
2. The AD652 synchronous VFC requires only one external
component (a noncritical integrator capacitor) for
operation.
3. The AD652 includes a buffered, accurate 5 V reference.
4. The AD652’s clock input is TTL and CMOS compatible and
can also be driven by sources referred to the negative power
supply. The flexible open-collector output stage provides
sufficient current sinking capability for TTL and CMOS
logic, as well as for optical couplers and pulse transformers.
A capacitor-programmable one-shot is provided for selec-
tion of optimum output pulse width for power reduction.
5. The AD652 can also be configured for use as a synchronous
F/V converter for isolated analog signal transmission.
6. The AD652 is available in versions compliant with
MILSTD-883. Refer to the Analog Devices Military
Products Databook or current AD652/883B data sheet for
detailed specifications.
FUNCTIONAL BLOCK DIAGRAM
COMPARATOR
AND
CK
Q
D
G Q
D
Q
D FLOP
LATCH
CLOCK IN
ONE
SHOT
COS
5V
CINT
RIN
INTEGRATOR
HL
1mA
–VS
VIN
Figure 1.


Similar Part No. - AD652JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
More results

Similar Description - AD652JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD652 AD-AD652 Datasheet
950Kb / 16P
Monolithic Synchronous Voltage-to-Frequency Converter
AD652KPZ AD-AD652KPZ Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_15 Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD654 AD-AD654_15 Datasheet
359Kb / 12P
Low Cost Monolithic Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_17 Datasheet
631Kb / 29P
Monolithic Synchronous Voltage-to-Frequency Converter
23-Feb-2017
AD654 AD-AD654_17 Datasheet
410Kb / 13P
Low Cost Monolithic Voltage-to-Frequency Converter
23-Feb-2017
AD651 AD-AD651 Datasheet
1Mb / 16P
Monolithic Synchronous Voltage-to-Frequency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com