Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652 Datasheet(PDF) 24 Page - Analog Devices

Part # AD652
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD652 Datasheet HTML 20Page - Analog Devices AD652 Datasheet HTML 21Page - Analog Devices AD652 Datasheet HTML 22Page - Analog Devices AD652 Datasheet HTML 23Page - Analog Devices AD652 Datasheet HTML 24Page - Analog Devices AD652 Datasheet HTML 25Page - Analog Devices AD652 Datasheet HTML 26Page - Analog Devices AD652 Datasheet HTML 27Page - Analog Devices AD652 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD652
Rev. C | Page 24 of 28
BRIDGE TRANSDUCER INTERFACE
The circuit of Figure 38 illustrates a simple interface between
the AD652 and a bridge-type transducer. The AD652 is an ideal
choice because its buffered 5 V reference can be used as the
bridge excitation, thereby ratiometrically eliminating the gain
drift related errors. This reference provides a minimum of
10 mA of external current, which is adequate for bridge
resistance of 600 Ω and above. If, for example, the bridge
resistance is 120 Ω or 350 Ω, an external pull-up resistor (RPU) is
required. RPU and can be calculated using the following formula:
mA
10
V
5
V
5
(max)
−
−
+
=
BRIDGE
S
PU
R
V
R
An instrumentation amplifier is used to condition the bridge
signal before presenting it to the SVFC. With its high CMRR,
the AD652 minimizes common-mode errors and can be set to
arbitrary gains between 1 and 10,000 via three resistors,
simplifying the scaling for the part’s calibrated 10 V input range.
These resistors should be selected such that the following
equation holds:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
1
2
V
10
G
F
BRIDGE
R
R
V
where 10 kΩ ≤ RF ≤ 20 kΩ, and VBRIDGE is the maximum output
voltage of the bridge.
The bridge output may be unipolar, as is the case for most
pressure transducers, or it may be bipolar as in some strain
measurements. If the signal is unipolar, the reference input of
the AD625 (Pin 7) is simply grounded. If the bridge has a
bipolar output, however, the AD652 reference can be tied to
Pin 7, thereby, converting a 5 V signal (after gain) into a 0 V to
+10 V input for the SVFC.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
9
8
11
7
10
1
5
2
15
12
16
AD625
RBRIDGE
VBRIDGE
+
–
RF
RG
RF
+15V
–15V
1
2
S1
+15V
CLOCK IN
FREQ
OUT
+15V
VLOGIC
RL
RPU
–15V
CINT
NOTES
1. RF SHOULD BE BETWEEN 10kΩ AND 20kΩ.
2. RPU NEEDED IF RBRIDGE 600Ω
3. S1 IN POSITION 1 FOR UNIPOLAR SIGNALS
AND POSITION 2 FOR BIPOLAR SIGNALS.
FOUT =VBRIDGE
FCLOCK2
10V
+ 1
2RF
RG
Figure 38. Bridge Transducer Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com